Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # KBPC15
Description  Single-Phase Bridge Rectifier, 15A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC15 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  KBPC15 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC15 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC15 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 2 of 3
Nell High Power Products
MAXIMUM RATINGS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
KBPC15
UNIT
420
08
560
700
840
600
800
1000
1200
06
12
10
600
800
1000
1200
V
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified output current (Fig.1)
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRMS
IFSM
VDC
IF(AV)
VISO
2
I t
TJ
2500
374
15
-40 to 150
300
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
KBPC15
UNIT
08
06
12
10
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
Typical junction capacitance per diode
VF
IR
CJ
300
3000
1.1
5
pF
voltage per diode
TEST
CONDITIONS
I = 7.5A
F
T = 25°C
A
4V, 1MHz
T = 150°C
A
THERMAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
KBPC15
UNIT
08
06
12
10
Typical thermal resistance
(1) With heatsink
(1)
RθJC
1.9
(2) Bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with
Notes
M5 screw
PRIMARY CHARACTERRISTICS
IF(AV)
15A
VRRM
600V to 1200V
1.1V
5 µA
150ºC
IFSM
IR
VF
TJ max.
300A
KBPC15
Storage temperature range
TSTG
-25 to 125
ºC
www.nellsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com