Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC864 Datasheet (PDF) - Infineon Technologies AG

XC864 Datasheet PDF - Infineon Technologies AG
Part # XC864
Download  XC864 Download
File Size   1869.0 Kbytes
Page   118 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

XC864 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC864 Datasheet PDF - Infineon Technologies AG

Part # XC864
Download  XC864 Click to download

File Size   1869.0 Kbytes
Page   118 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

XC864 Datasheet (HTML) - Infineon Technologies AG


XC864 Product details

Summary of Features
• High-performance XC800 Core
   – compatible with standard 8051 processor
   – two clocks per machine cycle architecture (for memory access without wait state)
   – two data pointers
• On-chip memory
   – 8 Kbytes of Boot ROM
   – 256 bytes of RAM
   – 512 bytes of XRAM
   – 4 Kbytes of Flash for code (and data)
      (includes memory protection strategy)
• I/O port supply at 3.3 V/5.0 V and core logic supply at 2.5 V (generated by embedded
   voltage regulator)
• Reset generation
   – Power-On reset
   – Hardware reset
   – Brownout reset for core logic supply
   – Watchdog timer reset
   – Power-Down Wake-up reset
• On-chip OSC and PLL for clock generation
   – PLL loss-of-lock detection
• Power saving modes
   – slow-down mode
   – idle mode
   – power-down mode with wake-up capability via RXD or EXINT0
   – clock gating control to each peripheral
• Programmable 16-bit Watchdog Timer (WDT)
• Four ports
   – 9 pins as digital I/O
   – 4 pins as digital/analog input
• 4-channel, 8-bit ADC
• Three 16-bit timers
   – Timer 0 and Timer 1 (T0 and T1)
   – Timer 2
• Capture/compare unit for PWM signal generation (CCU6)
• Full-duplex serial interface (UART)
• Synchronous serial channel (SSC)
• On-chip debug support
   – 1 Kbyte of monitor ROM (part of the 8-Kbyte Boot ROM)
   – 64 bytes of monitor RAM
• PG-TSSOP-20 pin package
• Ambient temperature range TA:
   – SAF (-40 to 85 °C)
   – SAK (-40 to 125 °C)




Similar Part No. - XC864

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866 INFINEON-XC866 Datasheet
1Mb / 108P
8-Bit Single-Chip Microcontroller
V1.0, Feb 2006
XC866 INFINEON-XC866 Datasheet
5Mb / 396P
8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
XC866 INFINEON-XC866 Datasheet
1Mb / 116P
8-Bit Single-Chip Microcontroller
V1.2, Oct. 2007
XC866-2FR INFINEON-XC866-2FR Datasheet
1Mb / 108P
8-Bit Single-Chip Microcontroller
V1.0, Feb 2006
XC866-2FR INFINEON-XC866-2FR Datasheet
5Mb / 396P
8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
More results


Similar Description - XC864

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com