Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD20R Datasheet (PDF) - Sanyo Semicon Device

DD20R Datasheet PDF - Sanyo Semicon Device
Part # DD20R
Download  DD20R Download
File Size   54.48 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Damper Diode for Very High-Definition Display Applications

DD20R Datasheet (PDF)

Go To PDF Page Download Datasheet
DD20R Datasheet PDF - Sanyo Semicon Device

Part # DD20R
Download  DD20R Click to download

File Size   54.48 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Damper Diode for Very High-Definition Display Applications

DD20R Datasheet (HTML) - Sanyo Semicon Device


DD20R Product details

Diffused Junction Type Silicon Diode

Features
• High breakdown voltage (VRRM : 1500V).
• High reliability.
• One-point fixing type plastic molded package
   facilitating easy mounting and heat dissipation.
• Fast forward/reverse recovery time.




Similar Part No. - DD20R

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD20 REICU-DD20 Datasheet
441Kb / 1P
DC/DC CONVERTER
REV:15.1
DD20-110D05 REICU-DD20-110D05 Datasheet
441Kb / 1P
DC/DC CONVERTER
REV:15.1
DD20-110D12 REICU-DD20-110D12 Datasheet
441Kb / 1P
DC/DC CONVERTER
REV:15.1
DD20-110S05 REICU-DD20-110S05 Datasheet
441Kb / 1P
DC/DC CONVERTER
REV:15.1
DD20-110S12 REICU-DD20-110S12 Datasheet
441Kb / 1P
DC/DC CONVERTER
REV:15.1
More results


Similar Description - DD20R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1777 SANYO-2SA1777 Datasheet
119Kb / 4P
Very High-Definition CRT Display, Video Output Applications????
2SC4411 SANYO-2SC4411 Datasheet
84Kb / 3P
Very High-Definition CRT Display Video Output Applications???
DD50R SANYO-DD50R Datasheet
56Kb / 2P
Ultrahigh-Definition Display Damper Diode
DD52RC SANYO-DD52RC Datasheet
56Kb / 2P
Damper Diode for Ultrahigh-Definition Display Applications
DD54RC SANYO-DD54RC Datasheet
55Kb / 2P
Damper Diode for Ultrahigh-Definition Display Applications?
DD54SC SANYO-DD54SC Datasheet
57Kb / 2P
Damper Diode for Ultrahigh-Definition Display Applications?
DD82RC SANYO-DD82RC Datasheet
55Kb / 2P
Damper Diode for Very High-Definition Display Applications?
DD82SC SANYO-DD82SC Datasheet
56Kb / 2P
Damper Diode for Very High-Definition Display Applications???
DD84RCLS SANYO-DD84RCLS Datasheet
18Kb / 2P
Damper Diode for Ultrahigh-Definition Display Applications
DD84SCLS SANYO-DD84SCLS Datasheet
18Kb / 2P
Damper Diode for Ultrahigh-Definition Display Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com