Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4946-2L Datasheet (PDF) - Infineon Technologies AG

TLV4946-2L Datasheet PDF - Infineon Technologies AG
Part # TLV4946-2L
Download  TLV4946-2L Download
File Size   1325.55 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Latch for Industrial and Consumer Applications

TLV4946-2L Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV4946-2L Datasheet PDF - Infineon Technologies AG

Part # TLV4946-2L
Download  TLV4946-2L Click to download

File Size   1325.55 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Latch for Industrial and Consumer Applications

TLV4946-2L Datasheet (HTML) - Infineon Technologies AG


TLV4946-2L Product details

Overview
The TLV4946-2L is a high precision Hall Effect Latch with highly accurate switching thresholds for ambient operating temperatures up to 85°C.

Features
• 2.7 V to 18 V supply voltage operation.
• Operation from unregulated power supply.
• High sensitivity and high stability of the magnetic switching points.
• High resistance to mechanical stress by active error compensation.
• Reverse battery protection (-18 V).
• Superior temperature stability.
• Low jitter (typically 1 µs).
• High ESD performance (± 4 kV HBM).
• Digital output signal (open-drain).
• Not suitable for automotive applications

Target Applications
   The TLV4946-2L is ideally suited to detect the rotor position in Brushless DC (BLDC) Motors used in industrial and consumer applications, such as: air conditioning systems, pumps, washing machines, DVD players, rolling shutter, etc. The sensor also provides a reliable switching for index counting with small pole wheels and large air gaps. The TLV4946-2L can also be used for index counting.




Similar Part No. - TLV4946-2L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4946-2K INFINEON-TLV4946-2K Datasheet
1Mb / 16P
Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
More results


Similar Description - TLV4946-2L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
Precision Hall-Effect Switch for Consumer and Industrial Applications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com