Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4906K Datasheet (PDF) - Infineon Technologies AG

TLV4906K Datasheet PDF - Infineon Technologies AG
Part # TLV4906K
Download  TLV4906K Download
File Size   1362.94 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Switch for Industrial and Consumer Applications

TLV4906K Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV4906K Datasheet PDF - Infineon Technologies AG

Part # TLV4906K
Download  TLV4906K Click to download

File Size   1362.94 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Switch for Industrial and Consumer Applications

TLV4906K Datasheet (HTML) - Infineon Technologies AG


TLV4906K Product details

Overview
The TLV4906K is a high precision Hall Effect Switch with highly accurate switching thresholds for ambient operating temperatures up to 85°C.
The TLV4906K is available in a SMD package PG-SC59-3-5 which is lead-free and halogen-free to meet current und future requirements.

Features
• 2.7 V to 18 V supply voltage operation.
• Operation from unregulated power supply.
• High sensitivity and high stability of the magnetic switching points.
• High resistance to mechanical stress by active error compensation.
• Reverse battery protection (-18 V).
• Superior temperature stability.
• Low jitter (typically 1 µs).
• High ESD performance (± 4 kV HBM).
• Digital output signal (open-drain).
• Lead-free and halogen-free green SMD package
• Not suitable for automotive applications

Target Applications
   The TLV4906K is ideally suited for all industrial and consumer applications that require a high precision switching thresholds for position sensing. It can be used for example for: security systems, alignment control, push buttons, keyboards, key switches, machine tools, etc.




Similar Part No. - TLV4906K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
More results


Similar Description - TLV4906K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
logo
Allegro MicroSystems
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
Precision Hall-Effect Switch for Consumer and Industrial Applications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com