Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD30T Datasheet (PDF) - Sanyo Semicon Device

DFD30T Datasheet PDF - Sanyo Semicon Device
Part # DFD30T
Download  DFD30T Download
File Size   54.57 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.0A Power Rectifier

DFD30T Datasheet (PDF)

Go To PDF Page Download Datasheet
DFD30T Datasheet PDF - Sanyo Semicon Device

Part # DFD30T
Download  DFD30T Click to download

File Size   54.57 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.0A Power Rectifier

DFD30T Datasheet (HTML) - Sanyo Semicon Device


DFD30T Product details

3.0A Power Rectifier

Features
• High-speed switching use.
• Reverse recovery time trr=0.15µs max (B, C, E, G). trr=0.3µs max (J, L).
• Peak reverse voltage:VRM=100 to 1000V
• Average Rectified current IO=3.0A




Similar Part No. - DFD30T

ManufacturerPart #DatasheetDescription
logo
NEC
DFD-104P NEC-DFD-104P Datasheet
2Mb / 45P
DC Line Fileters
DFD-104S NEC-DFD-104S Datasheet
2Mb / 45P
DC Line Fileters
logo
Sanyo Semicon Device
DFD05T SANYO-DFD05T Datasheet
47Kb / 2P
0.5A Power Rectifier
logo
ams AG
DFD2 AMSCO-DFD2 Datasheet
17Kb / 2P
DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is asynchronous and active low.
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
More results


Similar Description - DFD30T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5400 WTE-1N5400 Datasheet
39Kb / 3P
3.0A SILICON RECTIFIER
logo
Sanyo Semicon Device
DSC30T SANYO-DSC30T Datasheet
50Kb / 2P
3.0A Power Rectifier???
logo
Diodes Incorporated
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
3.0A RECTIFIER
DS28007 Rev. E-2
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813_12 Datasheet
410Kb / 6P
30V, 3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
3.0A RECTIFIER
Rev erse
1N5400 DIODES-1N5400_14 Datasheet
102Kb / 3P
3.0A RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1N5400 NJSEMI-1N5400 Datasheet
86Kb / 1P
3.0A RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com