Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD05T Datasheet (PDF) - Sanyo Semicon Device

DFD05T Datasheet PDF - Sanyo Semicon Device
Part # DFD05T
Download  DFD05T Download
File Size   47.35 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.5A Power Rectifier

DFD05T Datasheet (PDF)

Go To PDF Page Download Datasheet
DFD05T Datasheet PDF - Sanyo Semicon Device

Part # DFD05T
Download  DFD05T Click to download

File Size   47.35 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.5A Power Rectifier

DFD05T Datasheet (HTML) - Sanyo Semicon Device


DFD05T Product details

0.5A Power Rectifier

Features
• High-speed switching use.
• Plastic molded structure.
• Reverse recovery time trr=0.15µs max (B, C, E, G). trr=0.3µs max (J, L, N, R, T).
• Peak reverse voltage:VRM=100 to 1700V
• Average rectified current IO=0.5A




Similar Part No. - DFD05T

ManufacturerPart #DatasheetDescription
logo
NEC
DFD-104P NEC-DFD-104P Datasheet
2Mb / 45P
DC Line Fileters
DFD-104S NEC-DFD-104S Datasheet
2Mb / 45P
DC Line Fileters
logo
ams AG
DFD2 AMSCO-DFD2 Datasheet
17Kb / 2P
DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is asynchronous and active low.
logo
Sanyo Semicon Device
DFD30T SANYO-DFD30T Datasheet
54Kb / 2P
3.0A Power Rectifier
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
More results


Similar Description - DFD05T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS006M SANYO-SBS006M Datasheet
46Kb / 3P
30V, 0.5A Rectifier
SBS806M SANYO-SBS806M Datasheet
45Kb / 3P
30V, 0.5A Rectifier
logo
TAITRON Components Inco...
GL34A TAITRON-GL34A Datasheet
157Kb / 3P
0.5A Surface Mount Rectifier
MB2S TAITRON-MB2S Datasheet
145Kb / 4P
0.5A Surface Mount Bridge Rectifier
logo
SUNMATE electronic Co.,...
MBR0530T1 SUNMATE-MBR0530T1 Datasheet
274Kb / 2P
0.5A Surface Mount Schottky Power Rectifier
MBR0540T1 SUNMATE-MBR0540T1 Datasheet
216Kb / 3P
0.5A Surface Mount Schottky Power Rectifier
MBR0520LT1 SUNMATE-MBR0520LT1 Datasheet
380Kb / 2P
0.5A Surface Mount Schottky Power Rectifier
logo
Diodes Incorporated
SBR0560S1 DIODES-SBR0560S1_15 Datasheet
92Kb / 4P
0.5A SBR짰 SUPER BARRIER RECTIFIER
Rev erse
SBR0560S1Q DIODES-SBR0560S1Q Datasheet
319Kb / 5P
0.5A SBR SUPER BARRIER RECTIFIER
Rev erse
SDM05U20S3 DIODES-SDM05U20S3 Datasheet
289Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com