Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS006M Datasheet (PDF) - Sanyo Semicon Device

SBS006M Datasheet PDF - Sanyo Semicon Device
Part # SBS006M
Download  SBS006M Download
File Size   46.66 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 0.5A Rectifier

SBS006M Datasheet (PDF)

Go To PDF Page Download Datasheet
SBS006M Datasheet PDF - Sanyo Semicon Device

Part # SBS006M
Download  SBS006M Click to download

File Size   46.66 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 0.5A Rectifier

SBS006M Datasheet (HTML) - Sanyo Semicon Device


SBS006M Product details

30V, 0.5A Rectifier

Features
• Low forward voltage (IF=0.3A, VF max=0.4V) (IF=0.5A, VF max=0.47V).
• Ultrasmall package permitting applied sets to be small and slim (Mounting height 0.85mm).

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBS006M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS001C SANYO-SBS001C Datasheet
52Kb / 2P
15V, 500mA Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
SBS005 SANYO-SBS005 Datasheet
36Kb / 3P
30V, 1A Rectifier
logo
Cypress Semiconductor
SBS005 CYPRESS-SBS005 Datasheet
2Mb / 23P
Power Supply Application
logo
Sanyo Semicon Device
SBS007M SANYO-SBS007M Datasheet
42Kb / 2P
SBS007M
More results


Similar Description - SBS006M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5729 ROHM-2SC5729 Datasheet
79Kb / 4P
Medium power transistor (30V, 0.5A)
2SA2047 ROHM-2SA2047 Datasheet
43Kb / 4P
MEDIUM POWER TRANSISTOR (-30V,-0.5A)
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
Medium power transistor (30V, 0.5A)
RSS105N03 ROHM-RSS105N03 Datasheet
60Kb / 4P
Switching (30V, /-0.5A)
logo
Sanyo Semicon Device
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SBS806M SANYO-SBS806M Datasheet
45Kb / 3P
30V, 0.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Torex Semiconductor
XP233N05013R-G TOREX-XP233N05013R-G Datasheet
398Kb / 6P
N-channel MOSFET 30V, 0.5A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com