Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR11662SPBF Datasheet (PDF) - International Rectifier

IR11662SPBF Datasheet PDF - International Rectifier
Part # IR11662SPBF
Download  IR11662SPBF Download
File Size   379.41 Kbytes
Page   25 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADVANCED SMART RECTIFIER TM CONTROL IC

IR11662SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR11662SPBF Datasheet PDF - International Rectifier

Part # IR11662SPBF
Download  IR11662SPBF Click to download

File Size   379.41 Kbytes
Page   25 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADVANCED SMART RECTIFIER TM CONTROL IC

IR11662SPBF Datasheet (HTML) - International Rectifier


IR11662SPBF Product details

Description

IR11662 is a smart secondary-side driver IC designed to drive N-Channel power MOSFETs used as synchronous rectifiers in isolated Flyback and resonant half-bridge converters. The IC can control one or more paralleled N MOSFETs to emulate the behavior of Schottky diode rectifiers. The drain to source voltage is sensed differentially to determine the polarity of the current and turn the power switch on and off in proximity of the zero current transition. The cycle-by-cycle MOT protection circuit can automatically detect no load condition and turn off gate driver output to avoid negative current flowing through the MOSFETs. Ruggedness and noise immunity are accomplished using an advanced blanking scheme and double-pulse suppression which allow reliable operation in all operating modes.



Features

• Secondary side high speed SR controller

• DCM, CrCM flyback and Resonant half-bridge topologies

• 200 V proprietary IC technology

• Max 500 KHz switching frequency

• Anti-bounce logic and UVLO protection

• 4A peak turn off drive current

• Micropower start-up & ultra low quiescent current

• 10.7 V gate drive clamp

• 50ns turn-off propagation delay

• Vcc range from 11.3 V to 20 V

• Direct sensing of MOSFET drain voltage

• Enable function synchronized with MOSFET VDS transition

• Cycle by Cycle MOT Check Circuit prevents multiple false trigger GATE pulses

• Lead-free

• Compatible with 0.3 W Standby, Energy Star, CECP, etc.



Typical Applications

• LCD & PDP TV, Telecom SMPS, AC-DC adapters, ATX SMPS, Server SMPS



 




Similar Part No. - IR11662SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11662S IRF-IR11662S Datasheet
669Kb / 26P
Secondary side high speed SR controller
IR11662S IRF-IR11662S_15 Datasheet
669Kb / 26P
Secondary side high speed SR controller
More results


Similar Description - IR11662SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
ADVANCED PFC BALLAST CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
XPHASE TM VR 10/11 CONTROL IC
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
DUAL SMART RECTIFIER DRIVER IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR1168 IRF-IR1168_11 Datasheet
364Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
ADVANCED SMARTRECTIFIER CONTROL IC
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
ADVANCED PFC BALLAST CONTROL IC
logo
Nuvoton Technology Corp...
NCT3012S NUVOTON-NCT3012S Datasheet
466Kb / 17P
Advanced Power Control IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com