Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3084A Datasheet (PDF) - International Rectifier

IR3084A Datasheet PDF - International Rectifier
Part # IR3084A
Download  IR3084A Download
File Size   682.63 Kbytes
Page   45 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASE TM VR 10/11 CONTROL IC

IR3084A Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3084A Datasheet PDF - International Rectifier

Part # IR3084A
Download  IR3084A Click to download

File Size   682.63 Kbytes
Page   45 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASE TM VR 10/11 CONTROL IC

IR3084A Datasheet (HTML) - International Rectifier


IR3084A Product details

DESCRIPTION
The IR3084A Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible way to implement a complete VR10 or VR11 power solution. The “Control” IC provides overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single phase of a multiphase converter. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches.

FEATURES
• 1 to X phase operation with matching Phase IC
• Supports both VR11 8-bit VID code and extended VR10 7-bit VID code
• 0.5% Overall System Setpoint Accuracy
• VID Select pin sets the DAC to either VR10 or VR11
• VID Select pin selects either VR11 or legacy VR10 type startups
• Programmable VID offset and Load Line output impedance
• Programmable VID offset function at the Error Amp’s non-inverting input allowing zero offset
• Programmable Dynamic VID Slew Rate
• ±300mV Differential Remote Sense
• Programmable 150kHz to 1MHz oscillator
• Enable Input with 0.85V threshold and 100mV of hysteresis
• VR Ready output provides indication of proper operation and avoids false triggering
• Phase IC Gate Driver Bias Regulator / VRHOT Comparator
• Operates from 12V input with 9.9V Under-Voltage Lockout
• 6.9V/6mA Bias Regulator provides System Reference Voltage
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Small thermally enhanced 5mm x 5mm, 28 pin MLPQ package




Similar Part No. - IR3084A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3084MPBF IRF-IR3084MPBF Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3084MTRPBF IRF-IR3084MTRPBF Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
IR3084UMPBF IRF-IR3084UMPBF Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
More results


Similar Description - IR3084A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
395Kb / 21P
XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
XPHASETM VR 10 CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
logo
Lapp.
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com