Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3084U Datasheet (PDF) - International Rectifier

IR3084U Datasheet PDF - International Rectifier
Part # IR3084U
Download  IR3084U Download
File Size   723.43 Kbytes
Page   47 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC

IR3084U Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3084U Datasheet PDF - International Rectifier

Part # IR3084U
Download  IR3084U Click to download

File Size   723.43 Kbytes
Page   47 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC

IR3084U Datasheet (HTML) - International Rectifier


IR3084U Product details

DESCRIPTION
The IR3084U Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible way to implement a complete VR10, VR11, Opteron, or Athlon64 power solution. The “Control” IC provides overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single phase of a multiphase converter. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches.

FEATURES
• 1 to X phase operation with matching Phase IC
• 7-bit VR 10/11 compatible VID with 0.5% overall system set point accuracy
• 5-bit Opteron/Athlon64 compatible VID with 1% overall system set point accuracy
• Programmable Dynamic VID Slew Rate
• +/-300mV Differential Remote Sense
• Programmable VID Offset Voltage at the Error Amplifier’s Non-Inverting Input allows Zero Offset
• Programmable 150kHz to 1MHz oscillator
• Programmable VID Offset and Load Line output impedance
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified VR Ready output provides indication of proper operation and avoids false triggering
• Operates from 12V input with 9.9V Under-Voltage Lockout
• 6.8V/6mA Bias Regulator provides System Reference Voltage
• Phase IC Gate Driver Bias Regulator / VRHOT Comparator
• Reduced Over-Current Detect Delay eliminates and external resistor in typical applications
• Small thermally enhanced 28L MLPQ package




Similar Part No. - IR3084U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
XPHASE TM VR 10/11 CONTROL IC
IR3084AMPBF IRF-IR3084AMPBF Datasheet
682Kb / 45P
XPHASE TM VR 10/11 CONTROL IC
IR3084AMTRPBF IRF-IR3084AMTRPBF Datasheet
682Kb / 45P
XPHASE TM VR 10/11 CONTROL IC
IR3084MPBF IRF-IR3084MPBF Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
More results


Similar Description - IR3084U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
XPHASETM VR 10 CONTROL IC
logo
ON Semiconductor
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
logo
International Rectifier
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com