Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3082 Datasheet (PDF) - International Rectifier

IR3082 Datasheet PDF - International Rectifier
Part # IR3082
Download  IR3082 Download
File Size   444.75 Kbytes
Page   33 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASE AMD OPTERON/ATHLON 64 CONTROL IC

IR3082 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3082 Datasheet PDF - International Rectifier

Part # IR3082
Download  IR3082 Click to download

File Size   444.75 Kbytes
Page   33 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASE AMD OPTERON/ATHLON 64 CONTROL IC

IR3082 Datasheet (HTML) - International Rectifier


IR3082 Product details

DESCRIPTION
The IR3082 Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible way to implement a complete Opteron or Athlon64 power solution. The “Control” IC provides overall system control and interfaces with any number of “Phase ICs” which each drive and monitor a single phase of a multiphase converter. With simple 5 bit voltage programming and a few external components, the IR3082 is also well suited for general purpose multiphase applications. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches.

FEATURES
• 5 bit VID with 1% overall system set point accuracy
• Programmable Dynamic VID Slew Rate
• +/-300mV Differential Remote Sense
• Programmable 150kHz to 1MHz oscillator
• Programmable VID Offset and Load Line output impedance
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Power Good output provides indication of proper operation and avoids false triggering
• Operates from 12V input with 9.75V Under-Voltage Lockout
• 7.0V/5mA Bias Regulator provides System Reference Voltage
• Small thermally enhanced 20L MLPQ package




Similar Part No. - IR3082

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3082MPBF IRF-IR3082MPBF Datasheet
1Mb / 33P
XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
01/31/05
IR3082PBF IRF-IR3082PBF Datasheet
1Mb / 33P
XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
01/31/05
More results


Similar Description - IR3082

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
AMD ATHLON VID/FID INTERFACE
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
AMD Athlon 64 Processor Power and Thermal Data Sheet
ADA3200AEP5AP AMD-ADA3200AEP5AP_06 Datasheet
738Kb / 95P
AMD Athlon??64 Processor Power and Thermal Data Sheet
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
Mobile AMD Athlon??VRM Controller
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com