Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3092 Datasheet (PDF) - International Rectifier

IR3092 Datasheet PDF - International Rectifier
Part # IR3092
Download  IR3092 Download
File Size   619.77 Kbytes
Page   37 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC

IR3092 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3092 Datasheet PDF - International Rectifier

Part # IR3092
Download  IR3092 Click to download

File Size   619.77 Kbytes
Page   37 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC

IR3092 Datasheet (HTML) - International Rectifier


IR3092 Product details

DESCRIPTION
The IR3092 Control IC provides a full featured, single chip solution to implement robust power conversion solutions for three different microprocessor families; 1) AMD Opteron, 2) AMD Athlon or 3) Intel VR10.X family of processors. The user can select the appropriate VID range with a single pin. PWM Control and 2 phase gate drive functions are integrated into a single IC. In addition to CPU power, the IR3092 offers a compact, efficient solution for high current POL converters.

FEATURES
• 5 bit or 6 bit VID with 0.5% overall system accuracy
• Selectable VID Code for AMD Opteron, AMD Athlon or Intel VR10.X
• Programmable Slew Rate response to “On-the-Fly” VID Code Changes
• 3.5A Gate Drive Capability
• Programmable 100KHz to 540KHz oscillator
• Programmable Voltage Positioning (can be disabled)
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Powergood provides indication of proper operation and avoids false triggering
• Operates up to 21V input with 7.8V Under-Voltage Lockout
• 5V UVL with 4.3V Under-Voltage Lockout threshold
• Adjustable Voltage, 150mA Bias Regulator provides MOSFET Drive Voltage
• Enable Input
• OVP Output
• Available in a 48L MLPQ package




Similar Part No. - IR3092

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3093MTR IRF-IR3093MTR Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3094MPBF IRF-IR3094MPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094MTRPBF IRF-IR3094MTRPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
More results


Similar Description - IR3092

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
Phase Control IC
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
September 2004
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
Phase Control IC
09.94
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
Phase control IC TDA2086A
1997
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com