Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3094PBF Datasheet (PDF) - International Rectifier

IR3094PBF Datasheet PDF - International Rectifier
Part # IR3094PBF
Download  IR3094PBF Download
File Size   802.05 Kbytes
Page   29 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3 PHASE PWM CONTROLLER FOR POINT OF LOAD

IR3094PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3094PBF Datasheet PDF - International Rectifier

Part # IR3094PBF
Download  IR3094PBF Click to download

File Size   802.05 Kbytes
Page   29 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3 PHASE PWM CONTROLLER FOR POINT OF LOAD

IR3094PBF Datasheet (HTML) - International Rectifier


IR3094PBF Product details

DESCRIPTION
The IR3094 Control IC provides a full featured, cost effective, single chip solution to offers a compact, efficient solution for high current POL converters. Control and 3 Phase Gate Drive functions are integrated into a single space-saving IC.

FEATURES
• 0.85V Reference Voltage
• 3A GATELX Pull Down Drive Capability
• Programmable 100KHz to 540KHz oscillator
• Programmable Voltage Positioning (can be disabled)
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Powergood provides indication of proper operation and avoids false triggering
• Operates up to 16V converter input with 7.5V Under-Voltage Lockout
• 4.36V Under-Voltage Lockout threshold for gate driver voltage
• Adjustable Voltage, 150mA Bias Regulator provides MOSFET Drive Voltage
• Enable Input
• OVP Flag Output detects high side fet short at powerup
• Separate OVP sense line to sense the output voltage and latched OVP with protection
• Inductor DCR sensing for current sensing will support up to 5.1V output applications
• Available 48L MLPQ package




Similar Part No. - IR3094PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092MTR IRF-IR3092MTR Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3093MTR IRF-IR3093MTR Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
More results


Similar Description - IR3094PBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
UCD9240 Digital Point of Load System Controller
logo
CUI INC
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
point of load converter
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
point of load converter
logo
Richtek Technology Corp...
RT8889D RICHTEK-RT8889D Datasheet
611Kb / 44P
3-Phase PWM Controller
logo
CUI INC
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
10/14/2021
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com