Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3093M Datasheet (PDF) - International Rectifier

IR3093M Datasheet PDF - International Rectifier
Part # IR3093M
Download  IR3093M Download
File Size   693.72 Kbytes
Page   39 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC

IR3093M Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3093M Datasheet PDF - International Rectifier

Part # IR3093M
Download  IR3093M Click to download

File Size   693.72 Kbytes
Page   39 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC

IR3093M Datasheet (HTML) - International Rectifier


IR3093M Product details

DESCRIPTION
The IR3093 Control IC provides a full featured, cost effective, single chip solution to implement robust power conversion solutions for three different microprocessor families; 1) AMD’s Opteron, 2) AMD’s Athlon or 3) Intel’s VR-10.X family of processors. The user can select the appropriate VID range with a single pin. Control and 3 phase Gate Drive functions are integrated into a single cost effective IC. . In addition to CPU power, the IR3093 offers a compact, efficient solution for high current POL converters.

FEATURES
• 5 bit or 6 bit VID with 0.5% overall system accuracy
• Selectable VID Code for AMD Opteron or Athlon or Intel VR10.X
• Programmable Slew Rate response to “On-the-Fly” VID Code Changes
• 3A GATELX Pull Down Drive Capability
• Programmable 100KHz to 540KHz oscillator
• Programmable Voltage Positioning (can be disabled)
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Powergood provides indication of proper operation and avoids false triggering
• Operates up to 21V input with 7.9V Under-Voltage Lockout
• 5V UVL with 4.36V Under-Voltage Lockout threshold
• Adjustable Voltage, 150mA Bias Regulator provides MOSFET Drive Voltage
• Enable Input
• OVP Flag Output detects high side fet short at powerup
• Pin compatible with IR3092, 2-phase PWM Control IC
• Available 48L MLPQ package




Similar Part No. - IR3093M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092MTR IRF-IR3092MTR Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3094MPBF IRF-IR3094MPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094MTRPBF IRF-IR3094MTRPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
More results


Similar Description - IR3093M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
Phase Control IC
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
September 2004
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
Phase Control IC
09.94
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
Advanced 3-Phase Motor Control IC
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Toshiba Semiconductor
TA8413P TOSHIBA-TA8413P Datasheet
260Kb / 7P
3 PHASE BI-DIRECTIONAL HALL MOTOR CONTROL IC
27-Aug-1997
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com