Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3082MPBF Datasheet (PDF) - International Rectifier

IR3082MPBF Datasheet PDF - International Rectifier
Part # IR3082MPBF
Download  IR3082MPBF Download
File Size   1102.49 Kbytes
Page   33 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC

IR3082MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3082MPBF Datasheet PDF - International Rectifier

Part # IR3082MPBF
Download  IR3082MPBF Click to download

File Size   1102.49 Kbytes
Page   33 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC

IR3082MPBF Datasheet (HTML) - International Rectifier


IR3082MPBF Product details

DESCRIPTION
The IR3082PbF Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible
way to implement a complete Opteron or Athlon64 power solution. The “Control” IC provides overall
system control and interfaces with any number of “Phase ICs” which each drive and monitor a single
phase of a multiphase converter. With simple 5 bit voltage programming and a few external components,
the IR3082PbF is also well suited for general purpose multiphase applications. The XPhaseTM architecture
results in a power supply that is smaller, less expensive, and easier to design while providing higher
efficiency than conventional approaches.

FEATURES
• 5 bit VID with 1% overall system set point accuracy
• Programmable Dynamic VID Slew Rate
• +/-300mV Differential Remote Sense
• Programmable 150kHz to 1MHz oscillator
• Programmable VID Offset and Load Line output impedance
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Power Good output provides indication of proper operation and avoids false triggering
• Operates from 12V input with 9.75V Under-Voltage Lockout
• 7.0V/5mA Bias Regulator provides System Reference Voltage
• Small thermally enhanced 20L MLPQ package




Similar Part No. - IR3082MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3082M IRF-IR3082M Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
IR3082MTR IRF-IR3082MTR Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
More results


Similar Description - IR3082MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
AMD ATHLON VID/FID INTERFACE
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
International Rectifier
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
XPHASETM VR 10/11 CONTROL IC
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
KT133A AMD ATHLON??NORTH BRIDGE
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
XPHASETM VR 10 CONTROL IC
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
Mobile AMD Athlon??VRM Controller
logo
International Rectifier
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com