Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA11C Datasheet (PDF) - Sanyo Semicon Device

DLA11C Datasheet PDF - Sanyo Semicon Device
Part # DLA11C
Download  DLA11C Download
File Size   50.64 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.1A Ultrahigh-Speed Rectifier

DLA11C Datasheet (PDF)

Go To PDF Page Download Datasheet
DLA11C Datasheet PDF - Sanyo Semicon Device

Part # DLA11C
Download  DLA11C Click to download

File Size   50.64 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.1A Ultrahigh-Speed Rectifier

DLA11C Datasheet (HTML) - Sanyo Semicon Device


DLA11C Product details

Features
• Supports automatic mounting and permits DLA11C-applied sets to be made smaller.
• Fast reverse recovery time and small switching loss.
• Peak reverse voltage : VRM=200V.
• Average rectified current : IO=1.1A.




Similar Part No. - DLA11C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
18-May-16
More results


Similar Description - DLA11C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLE30 SANYO-DLE30 Datasheet
71Kb / 3P
3.0A Ultrahigh-Speed Rectifier?
DLM10 SANYO-DLM10 Datasheet
64Kb / 2P
1.0A Ultrahigh-Speed Rectifier?
SB11-04HP SANYO-SB11-04HP Datasheet
68Kb / 3P
40V, 1.1A Rectifier
SB120-05H SANYO-SB120-05H Datasheet
124Kb / 3P
40V, 1.1A Rectifier
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
DLM10 SANYO-DLM10_07 Datasheet
51Kb / 3P
1.0A Ultrahigh-Speed Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com