Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM10 Datasheet (PDF) - Sanyo Semicon Device

DLM10 Datasheet PDF - Sanyo Semicon Device
Part # DLM10
Download  DLM10 Download
File Size   64.18 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Ultrahigh-Speed Rectifier?

DLM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLM10 Datasheet PDF - Sanyo Semicon Device

Part # DLM10
Download  DLM10 Click to download

File Size   64.18 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Ultrahigh-Speed Rectifier?

DLM10 Datasheet (HTML) - Sanyo Semicon Device


DLM10 Product details

Features
• Fast reverse recovery time and small switching loss.
• Reverse voltage : VRM=200 to 400V.
• Average rectified current : IO=1.0A.

Applications
• Switching regulators, high-frequency rectification.




Similar Part No. - DLM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLM10 SANYO-DLM10 Datasheet
51Kb / 3P
1.0A Ultrahigh-Speed Rectifier
logo
Powerbox
DLM10-60 POWERBOX-DLM10-60 Datasheet
169Kb / 3P
600 WATTS PROGRAMMABLE DC SUPPLY
logo
Dc Components
DLM103A DCCOM-DLM103A Datasheet
107Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103B DCCOM-DLM103B Datasheet
107Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103C DCCOM-DLM103C Datasheet
107Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
More results


Similar Description - DLM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLA11C SANYO-DLA11C Datasheet
50Kb / 2P
1.1A Ultrahigh-Speed Rectifier
DLE30 SANYO-DLE30 Datasheet
71Kb / 3P
3.0A Ultrahigh-Speed Rectifier?
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
2SK3486 SANYO-2SK3486 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
DLM10 SANYO-DLM10_07 Datasheet
51Kb / 3P
1.0A Ultrahigh-Speed Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com