Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA17B Datasheet (PDF) - Sanyo Semicon Device

DSA17B Datasheet PDF - Sanyo Semicon Device
Part # DSA17B
Download  DSA17B Download
File Size   46.8 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.7A Power Rectifier

DSA17B Datasheet (PDF)

Go To PDF Page Download Datasheet
DSA17B Datasheet PDF - Sanyo Semicon Device

Part # DSA17B
Download  DSA17B Click to download

File Size   46.8 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.7A Power Rectifier

DSA17B Datasheet (HTML) - Sanyo Semicon Device


DSA17B Product details

Diffused Junction Type Silicon Diode




Similar Part No. - DSA17B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DSA17 NJSEMI-DSA17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DSA17-12A IXYS-DSA17-12A Datasheet
37Kb / 2P
Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DSA17-12A NJSEMI-DSA17-12A Datasheet
80Kb / 1P
Space and weight savings
logo
IXYS Corporation
DSA17-16A IXYS-DSA17-16A Datasheet
37Kb / 2P
Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DSA17-16A NJSEMI-DSA17-16A Datasheet
80Kb / 1P
Space and weight savings
More results


Similar Description - DSA17B

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S2V20 SHINDENGEN-S2V20 Datasheet
295Kb / 6P
General Purpose Rectifiers(200V 1.7A)
S2V60 SHINDENGEN-S2V60 Datasheet
296Kb / 6P
General Purpose Rectifiers(600V 1.7A)
logo
International Rectifier
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Monolithic Power System...
MP62550 MPS-MP62550 Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
logo
Will Semiconductor Ltd.
WNM4006 WILLSEMI-WNM4006 Datasheet
137Kb / 7P
Single N-Channel, 45V, 1.7A, Power MOSFET
WNM01N10 WILLSEMI-WNM01N10 Datasheet
1Mb / 8P
Single N-Channel, 100V, 1.7A, Power MOSFET
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com