Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSK10 Datasheet (PDF) - Sanyo Semicon Device

DSK10 Datasheet PDF - Sanyo Semicon Device
Part # DSK10
Download  DSK10 Download
File Size   31.77 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Power Rectifier

DSK10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSK10 Datasheet PDF - Sanyo Semicon Device

Part # DSK10
Download  DSK10 Click to download

File Size   31.77 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Power Rectifier

DSK10 Datasheet (HTML) - Sanyo Semicon Device


DSK10 Product details

1.0A Power Rectifier

Features
• Designed for 5mm-pitch automatic insertion.
• Small plastic molded structure (3mm body).
• Peak reverse voltage : 100 to 400V.
• Average output current : 1.0A.




Similar Part No. - DSK10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
34Kb / 3P
1.0A Power Rectifier
logo
Olitech Electronics Co....
DSK100 OLITECH-DSK100 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK101 OLITECH-DSK101 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK102 OLITECH-DSK102 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK103 OLITECH-DSK103 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
More results


Similar Description - DSK10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DFH10T SANYO-DFH10T Datasheet
54Kb / 2P
1.0A Power Rectifier
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
1.0A Power Rectifier
DSF10T SANYO-DSF10T Datasheet
47Kb / 2P
1.0A Power Rectifier
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
1.0A Power Rectifier
DSF10T SANYO-DSF10T_08 Datasheet
44Kb / 3P
1.0A Power Rectifier
DSK10 SANYO-DSK10_07 Datasheet
34Kb / 3P
1.0A Power Rectifier
DSM10G_0609 SANYO-DSM10G_0609 Datasheet
62Kb / 3P
1.0A Power Rectifier
DSK10E-BT SANYO-DSK10E-BT Datasheet
34Kb / 3P
1.0A Power Rectifier
logo
ON Semiconductor
DSM10G ONSEMI-DSM10G Datasheet
84Kb / 3P
1.0A Power Rectifier
Jan-2011, Rev. 0
EN2855 ONSEMI-EN2855 Datasheet
647Kb / 2P
1.0A Power Rectifier
February, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com