Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM10 Datasheet (PDF) - Sanyo Semicon Device

DSM10 Datasheet PDF - Sanyo Semicon Device
Part # DSM10
Download  DSM10 Download
File Size   47.13 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Power Rectifier

DSM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSM10 Datasheet PDF - Sanyo Semicon Device

Part # DSM10
Download  DSM10 Click to download

File Size   47.13 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.0A Power Rectifier

DSM10 Datasheet (HTML) - Sanyo Semicon Device


DSM10 Product details

Silicon Diffused Junction Type

1.0A Power Rectifier




Similar Part No. - DSM10

ManufacturerPart #DatasheetDescription
logo
StarHope
DSM100 SPSEMI-DSM100 Datasheet
290Kb / 2P
Surface Mount Devices
logo
Cornell Dubilier Electr...
DSM105Q009W075PB CDE-DSM105Q009W075PB Datasheet
432Kb / 4P
AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
DSM105Q030W075PB CDE-DSM105Q030W075PB Datasheet
432Kb / 4P
AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
logo
Sanyo Semicon Device
DSM10G SANYO-DSM10G Datasheet
62Kb / 3P
1.0A Power Rectifier
logo
ON Semiconductor
DSM10G ONSEMI-DSM10G Datasheet
84Kb / 3P
1.0A Power Rectifier
Jan-2011, Rev. 0
More results


Similar Description - DSM10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DFH10T SANYO-DFH10T Datasheet
54Kb / 2P
1.0A Power Rectifier
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
1.0A Power Rectifier
DSF10T SANYO-DSF10T Datasheet
47Kb / 2P
1.0A Power Rectifier
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
1.0A Power Rectifier
DSF10T SANYO-DSF10T_08 Datasheet
44Kb / 3P
1.0A Power Rectifier
DSK10 SANYO-DSK10_07 Datasheet
34Kb / 3P
1.0A Power Rectifier
DSM10G_0609 SANYO-DSM10G_0609 Datasheet
62Kb / 3P
1.0A Power Rectifier
DSK10E-BT SANYO-DSK10E-BT Datasheet
34Kb / 3P
1.0A Power Rectifier
logo
ON Semiconductor
DSM10G ONSEMI-DSM10G Datasheet
84Kb / 3P
1.0A Power Rectifier
Jan-2011, Rev. 0
EN2855 ONSEMI-EN2855 Datasheet
647Kb / 2P
1.0A Power Rectifier
February, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com