Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4209A Datasheet (PDF) - Infineon Technologies AG

TLE4209A Datasheet PDF - Infineon Technologies AG
Part # TLE4209A
Download  TLE4209A Download
File Size   329.48 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DC Motor Driver for Servo Driver Applications

TLE4209A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4209A Datasheet PDF - Infineon Technologies AG

Part # TLE4209A
Download  TLE4209A Click to download

File Size   329.48 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DC Motor Driver for Servo Driver Applications

TLE4209A Datasheet (HTML) - Infineon Technologies AG


TLE4209A Product details

Description

The TLE 4209A is a fully protected H-Bridge Driver designed specifically for automotive headlight beam control and industrial servo control applications.

The part is built using Infineons bipolar high voltage power technology DOPL.

The device is available in a PG-DIP-8-4 package.

The servo-loop-parameter pos.- and neg. Hysteresis, pos.- and neg. deadband and angle-amplification are programmable with external resitors.

An internal window-comparator controls the input line. In the case of a fault condition, like short circuit to GND, short circuit to supply-voltage, and broken wire, the TLE 4209A stops the motor immediately (brake condition).

Furthermore the built in features like over- and undervoltage-lockout, short-circuit protection and over-temperature-protection will open a wide range of automotive- and industrial applications.



Features

• Optimized for headlight beam control applications

• Delivers up to 0.8 A

• Low saturation voltage;

   typ. 1.2 V total @ 25 °C; 0.4 A

• Output protected against short circuit

• Overtemperature protection with hysteresis

• Over- and undervoltage lockout

• No crossover current

• Internal clamp diodes

• Green Product (RoHS compliant)

• AEC Qualified



 




Similar Part No. - TLE4209A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4209A INFINEON-TLE4209A Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
More results


Similar Description - TLE4209A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
DC Motor Driver for Servo Driver Applications
2000-09-05
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
DC Motor Driver for Servo Driver Applications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com