Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4206G Datasheet (PDF) - Infineon Technologies AG

TLE4206G Datasheet PDF - Infineon Technologies AG
Part # TLE4206G
Download  TLE4206G Download
File Size   607.36 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 1-A DC Motor Driver for Servo Driver Applications TLE 4206G

TLE4206G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4206G Datasheet PDF - Infineon Technologies AG

Part # TLE4206G
Download  TLE4206G Click to download

File Size   607.36 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 1-A DC Motor Driver for Servo Driver Applications TLE 4206G

TLE4206G Datasheet (HTML) - Infineon Technologies AG


TLE4206G Product details

Description
The TLE 4206 is a fully protected H-Bridge Driver designed specifically for automotive headlight beam control and industrial servo control applications.

Features
• Optimized for headlight beam control applications
• Current-peak-blanking (no electrolytic capacitor at VS)
• Delivers up to 0.8 A continuous
• Low saturation voltage; typ.1.2 V total @ 25 °C; 0.4 A
• Output protected against short circuit
• Overtemperature protection with hysteresis
• Over- and undervoltage lockout
• No crossover current
• Internal clamp diodes
• Enhanced power packages




Similar Part No. - TLE4206G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4206G SIEMENS-TLE4206G Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
More results


Similar Description - TLE4206G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
DC Motor Driver for Servo Driver Applications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com