Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4206G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4206G
Description  1-A DC Motor Driver for Servo Driver Applications TLE 4206G
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4206G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4206G Datasheet HTML 1Page - Infineon Technologies AG TLE4206G Datasheet HTML 2Page - Infineon Technologies AG TLE4206G Datasheet HTML 3Page - Infineon Technologies AG TLE4206G Datasheet HTML 4Page - Infineon Technologies AG TLE4206G Datasheet HTML 5Page - Infineon Technologies AG TLE4206G Datasheet HTML 6Page - Infineon Technologies AG TLE4206G Datasheet HTML 7Page - Infineon Technologies AG TLE4206G Datasheet HTML 8Page - Infineon Technologies AG TLE4206G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLE 4206G
Data Sheet
2
V1.1 2007-08-10
The “programable current-peak-blanking” disables the servo-loop during the
V
S voltage
drop caused by the stall current spike. So there is no need of an electrolytic blocking
capacitor at the
V
S-terminal.
Furthermore the built in features like over- and undervoltage-lockout, short-circuit-
protection and over-temperature-protection will open a wide range of automotive- and
industrial applications.
AEP02261
CPB
10
9
1
2
3
4
5
6
7
V
14
13
12
11
8
OUT1
GND
HYST
FB
OUT2
GND
RANGE
REF
GND
GND
GND
GND
S
PG-DSO-14-22
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions
Pin No.
P-DSO-14-8
Symbol
Function
1
FB
Feedback Input
2
HYST
Hysteresis I/O
3, 4, 5,
10, 11, 12
GND
Ground
6
OUT1
Power Output 1
7
CPB
Current Peak Blanking Input
8
V
S
Power Supply Voltage
9
OUT2
Power Output 2
13
RANGE
Range Input
14
REF
Reference Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com