Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4286G Datasheet (PDF) - Infineon Technologies AG

TLE4286G Datasheet PDF - Infineon Technologies AG
Part # TLE4286G_08
Download  TLE4286G Download
File Size   239.0 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5-V Voltage Regulator 15 mA output current capability

TLE4286G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4286G Datasheet PDF - Infineon Technologies AG

Part # TLE4286G_08
Download  TLE4286G Click to download

File Size   239.0 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5-V Voltage Regulator 15 mA output current capability

TLE4286G Datasheet (HTML) - Infineon Technologies AG


TLE4286G Product details

Functional Description
The TLE 4286 G is a 5-V low-drop fixed voltage regulator in the very small SMD package PG-SCT-595-5. The maximum input voltage is 42 V. The output is able to drive a load of more than 10 mA while it regulates the output voltage within a 4% accuracy.
The device can be switched in stand-by mode via an inhibit input which causes the current consumption to drop below 1 µA.
A temperature protection disables the IC at over temperature.

Features
• 15 mA output current capability
• 1 µA current consumption in standby mode
• Low quiescent current consumption 60 µA in ON mode
• Inhibit input
• Very small SMD-Package PG-SCT-595-5
• Wide operation range: 6.2 V to 42 V
• Wide temperature range: -40 °C to 150 °C
• Output protected against short circuit
• Overtemperature protection
• Green product (RoHS compliant)
• AEC qualified.




Similar Part No. - TLE4286G_08

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
More results


Similar Description - TLE4286G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
Logic Compatible Output with 100 mA Current Sinking Capability
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
ON Semiconductor
NCP12700 ONSEMI-NCP12700 Datasheet
168Kb / 20P
Startup Regulator Circuit with 15 mA Capability
June, 2018 ??Rev. 0
logo
Shanghai Leiditech Elec...
KIA78L05 LEIDITECH-KIA78L05 Datasheet
4Mb / 3P
Maximum Output Current Output Voltage VO: 5 V
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com