Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM6-N Datasheet (PDF) - Sanyo Semicon Device

DTM6-N Datasheet PDF - Sanyo Semicon Device
Part # DTM6-N
Download  DTM6-N Download
File Size   103.83 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6A Bidirectional Thyristor?

DTM6-N Datasheet (PDF)

Go To PDF Page Download Datasheet
DTM6-N Datasheet PDF - Sanyo Semicon Device

Part # DTM6-N
Download  DTM6-N Click to download

File Size   103.83 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6A Bidirectional Thyristor?

DTM6-N Datasheet (HTML) - Sanyo Semicon Device


DTM6-N Product details

Features
• Insulation type
• Peak OFF-state voltage : 200 to 600V
• RMS ON-state current : 6A
• TO-220 package.




Similar Part No. - DTM6-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTM64360B ETC2-DTM64360B Datasheet
170Kb / 13P
2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
40W to 65W Medical Class II AC-DC External Power Supplies
DTM65PW050C TDK-DTM65PW050C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DTM65PW050C8 TDK-DTM65PW050C8 Datasheet
196Kb / 2P
AC-DC Power Supplies
June 07, 2022
More results


Similar Description - DTM6-N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
0.5A Bidirectional Thyristor
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
0.8A Bidirectional Thyristor?
DTA6-N SANYO-DTA6-N Datasheet
153Kb / 3P
6A Bidirectional Thyristor
DTB3 SANYO-DTB3 Datasheet
95Kb / 3P
3.0A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
12A Bidirectional Thyristor?
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTN6 SANYO-DTN6 Datasheet
95Kb / 3P
6A Bidirectional Thyristor?
logo
ON Semiconductor
NYE08-10B6ST1G ONSEMI-NYE08-10B6ST1G Datasheet
101Kb / 6P
Silicon Bidirectional Thyristor
November, 2012 ??Rev. 0
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
Silicon Bidirectional Thyristor
November, 2012??Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com