Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTB3 Datasheet (PDF) - Sanyo Semicon Device

DTB3 Datasheet PDF - Sanyo Semicon Device
Part # DTB3
Download  DTB3 Download
File Size   95.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.0A Bidirectional Thyristor?

DTB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTB3 Datasheet PDF - Sanyo Semicon Device

Part # DTB3
Download  DTB3 Click to download

File Size   95.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.0A Bidirectional Thyristor?

DTB3 Datasheet (HTML) - Sanyo Semicon Device


DTB3 Product details

Features
• Glass passivation for high reliability
• Peak OFF-state voltage : 100 to 600V
• RMS ON-state current : 3A
• TO-220 package.




Similar Part No. - DTB3

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTB3055 DINTEK-DTB3055 Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
logo
List of Unclassifed Man...
DTB32C1 ETC2-DTB32C1 Datasheet
45Kb / 1P
4 Pin Plastic SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
DTB32C1 CALIBER-DTB32C1 Datasheet
50Kb / 1P
4 Pin Plastic SMD Microprocessor Crystals
logo
List of Unclassifed Man...
DTB32C3 ETC2-DTB32C3 Datasheet
45Kb / 1P
4 Pin Plastic SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
DTB32C3 CALIBER-DTB32C3 Datasheet
50Kb / 1P
4 Pin Plastic SMD Microprocessor Crystals
More results


Similar Description - DTB3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DRD3 SANYO-DRD3 Datasheet
97Kb / 3P
3.0A Reverse Blocking Thyristor
DRE3 SANYO-DRE3 Datasheet
103Kb / 3P
3.0A Reverse Blocking Thyristor?
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
0.5A Bidirectional Thyristor
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
0.8A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
12A Bidirectional Thyristor?
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTM6-N SANYO-DTM6-N Datasheet
103Kb / 3P
6A Bidirectional Thyristor?
DTN6 SANYO-DTN6 Datasheet
95Kb / 3P
6A Bidirectional Thyristor?
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
Silicon Bidirectional Thyristor
November, 2012??Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com