Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTN8 Datasheet (PDF) - Sanyo Semicon Device

DTN8 Datasheet PDF - Sanyo Semicon Device
Part # DTN8
Download  DTN8 Download
File Size   95.88 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8A Bidirectional Thyristor???

DTN8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTN8 Datasheet PDF - Sanyo Semicon Device

Part # DTN8
Download  DTN8 Click to download

File Size   95.88 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8A Bidirectional Thyristor???

DTN8 Datasheet (HTML) - Sanyo Semicon Device


DTN8 Product details

Features
• AC power control.
• Peak OFF-state voltage : 400, 600V.
• RMS ON-state current : 8A.




Similar Part No. - DTN8

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTN110N120SC4 DINTEK-DTN110N120SC4 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
logo
Sanyo Semicon Device
DTN12 SANYO-DTN12 Datasheet
95Kb / 3P
12A Bidirectional Thyristor???
DTN12E SANYO-DTN12E Datasheet
95Kb / 3P
12A Bidirectional Thyristor???
DTN12G SANYO-DTN12G Datasheet
95Kb / 3P
12A Bidirectional Thyristor???
logo
DinTek Semiconductor Co...
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
More results


Similar Description - DTN8

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
TO-220 8A Thyristor
TF821S SANKEN-TF821S Datasheet
48Kb / 2P
TO-220F 8A Thyristor
logo
Sanyo Semicon Device
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
0.5A Bidirectional Thyristor
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
0.8A Bidirectional Thyristor?
DTB3 SANYO-DTB3 Datasheet
95Kb / 3P
3.0A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
12A Bidirectional Thyristor?
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTM8-N SANYO-DTM8-N Datasheet
100Kb / 3P
8A Bidirectional Thyristor?
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
Silicon Bidirectional Thyristor
November, 2012??Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com