Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282118-75 Datasheet (PDF) - Amphenol Corporation

282118-75 Datasheet PDF - Amphenol Corporation
Part # 282118-75
Download  282118-75 Download
File Size   46.65 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 1.0/2.3 CRIMP PLUG (FOR 735A CABLE- 75OHM)

282118-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
282118-75 Datasheet PDF - Amphenol Corporation

Part # 282118-75
Download  282118-75 Click to download

File Size   46.65 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 1.0/2.3 CRIMP PLUG (FOR 735A CABLE- 75OHM)

282118-75 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 282118-75

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2821180 PHOENIX-2821180 Datasheet
64Kb / 2P
DB 50- 90 BU
More results


Similar Description - 282118-75

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
282103 AMPHENOL-282103 Datasheet
73Kb / 1P
1.0/2.3 CRIMP PLUG (FOR RG-174/U, 188/U, 316/U CABLE)
282135-75 AMPHENOL-282135-75 Datasheet
71Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1505A CABLE)
282137-75 AMPHENOL-282137-75 Datasheet
72Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1694A CABLE)
282138-75 AMPHENOL-282138-75 Datasheet
73Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1855A CABLE)
031-70238 AMPHENOL-031-70238 Datasheet
125Kb / 1P
BNC CRIMP PLUG FOR 735A CABLE
C031-70251 AMPHENOL-C031-70251 Datasheet
147Kb / 1P
MINI BNC CRIMP PLUG(FOR 735A CABLE)
logo
Pasternack Enterprises,...
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
logo
Amphenol Corporation
031-70251 AMPHENOL-031-70251 Datasheet
147Kb / 1P
MINI BNC CRIMP PLUG(FOR 735A CABLE)
logo
Winchester Electronics ...
0345-E00-C7202N WINCHESTER-0345-E00-C7202N Datasheet
86Kb / 1P
DIN 1.0/2.3 75 OHM PLUG (CRIMP/CRIMP) DIN 1.0/2.3 75 OHM PLUG (CRIMP/CRIMP) CABLE OR EQUIVALENT
logo
Molex Electronics Ltd.
0731000231 MOLEX11-0731000231 Datasheet
30Kb / 1P
75 Ohms, SMB Plug, Straight, Crimp 735A Cable
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com