Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11510 Datasheet (PDF) - Hamamatsu Corporation

S11510 Datasheet PDF - Hamamatsu Corporation
Part # S11510
Download  S11510 Download
File Size   465.78 Kbytes
Page   8 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)

S11510 Datasheet (PDF)

Go To PDF Page Download Datasheet
S11510 Datasheet PDF - Hamamatsu Corporation

Part # S11510
Download  S11510 Click to download

File Size   465.78 Kbytes
Page   8 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)

S11510 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - S11510

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11510 HAMAMATSU-S11510_15 Datasheet
665Kb / 7P
IR-enhanced CCD image sensors
More results


Similar Description - S11510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICX658AKA ETC2-ICX658AKA Datasheet
138Kb / 2P
New Generation EXview HAD CCD Ultrahigh-Sensitivity Near Infrared Structure
logo
Hamamatsu Corporation
S11499 HAMAMATSU-S11499 Datasheet
429Kb / 3P
Large area, enhanced near IR sensitivity, using a MEMS technology
S10747-0909 HAMAMATSU-S10747-0909 Datasheet
486Kb / 7P
Enhanced near-infrared sensitivity by using fully-depleted CCD technology
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
Enhanced near IR sensitivity, using a MEMS
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
Near Infrared LED
logo
Hamamatsu Corporation
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
Enhanced near IR sensitivity, using a MEMS technology
S9251 HAMAMATSU-S9251_15 Datasheet
492Kb / 4P
High sensitivity in near infrared range
C5964 HAMAMATSU-C5964_15 Datasheet
198Kb / 7P
UV to near infrared range (200 to 1000 nm) For multichannel spectrophotometry
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com