Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2843 Datasheet (PDF) - Micrel Semiconductor

MIC2843 Datasheet PDF - Micrel Semiconductor
Part # MIC2843
Download  MIC2843 Download
File Size   1392.96 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control

MIC2843 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2843 Datasheet PDF - Micrel Semiconductor

Part # MIC2843
Download  MIC2843 Click to download

File Size   1392.96 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control

MIC2843 Datasheet (HTML) - Micrel Semiconductor


MIC2843 Product details

General Description
The MIC2843 is a high-efficiency linear white LED (WLED) driver designed to drive up to six WLEDs, greatly extending battery life for portable display backlighting, keypad backlighting, and camera flash in mobile devices. The MIC2843 provides the highest possible efficiency as this architecture has no switching losses present in traditional charge pumps or inductive boost circuits. The MIC2843 provides six linear drivers which maintain constant current for up to six WLEDs. It features a typical dropout of less than 40mV at 20mA. This allows the WLEDs to be driven directly from the battery eliminating switching noise/losses present with the use of boost circuitry.

Features
• High efficiency (no voltage boost losses)
• Ultra Fast PWM™ control (200Hz to 500kHz)
• Input voltage range: 3.0V to 5.5V
• Dropout of less than 40mV at 20mA
• Matching better than ±3% (typical)
• Current accuracy better than ±1.5% (typical)
• Maintains proper regulation regardless of how many
   channels are utilized
• Available in a 2mm x 2mm 10-pin Thin MLF® package

Applications
• Mobile handsets
• Digital cameras
• Portable media/MP3 players
• Portable navigation devices (GPS)
• Portable applications




Similar Part No. - MIC2843

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2843AYMT MICREL-MIC2843AYMT Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Similar Description - MIC2843

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com