Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2841A Datasheet (PDF) - Micrel Semiconductor

MIC2841A Datasheet PDF - Micrel Semiconductor
Part # MIC2841A
Download  MIC2841A Download
File Size   901.58 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control

MIC2841A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2841A Datasheet PDF - Micrel Semiconductor

Part # MIC2841A
Download  MIC2841A Click to download

File Size   901.58 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control

MIC2841A Datasheet (HTML) - Micrel Semiconductor


MIC2841A Product details

General Description
The MIC2841A is a high efficiency White LED (WLED) driver designed to drive up to four WLEDs, greatly extending battery life for portable display backlighting, keypad backlighting and camera flash in mobile devices. The MIC2841A provides the highest possible efficiency as this architecture has no switching losses present in traditional charge pumps or inductive boost circuits. The MIC2841A provides four linear driver channels which maintain constant current for up to four WLEDs. It features a typical dropout of 40mV at 20mA. This allows the WLEDs to be driven directly from the battery eliminating switching noise/losses present with the use of boost circuitry.

Features
• High Efficiency (no Voltage Boost losses)
• Dynamic Average Matching™ (DAM™)
• Ultra Fast PWM™ control (200Hz to 500kHz)
• Input voltage range: 3.0V to 5.5V
• Dropout of 40mV at 20mA
• Matching better than ±1.5% (typical)
• Current accuracy better than ±1.5% (typical)
• Maintains proper regulation regardless of how many
   channels are utilized
• Available in a 10-pin 2mm x 2mm Thin MLF® package

Applications
• Mobile handsets
• Handset LCD backlighting
• Handset keypad backlighting
• Flash driver
• Digital cameras
• Portable media/MP3 players
• Portable navigation devices (GPS)
• Portable applications




Similar Part No. - MIC2841A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
More results


Similar Description - MIC2841A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com