Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2842A Datasheet (PDF) - Micrel Semiconductor

MIC2842A Datasheet PDF - Micrel Semiconductor
Part # MIC2842A
Download  MIC2842A Download
File Size   862.18 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control

MIC2842A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2842A Datasheet PDF - Micrel Semiconductor

Part # MIC2842A
Download  MIC2842A Click to download

File Size   862.18 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control

MIC2842A Datasheet (HTML) - Micrel Semiconductor


MIC2842A Product details

General Description
The MIC2842A is a high efficiency White LED (WLED) driver designed to drive up to four LEDs and greatly extend battery life for portable display backlighting, and keypad backlighting in mobile devices. The MIC2842A architecture provides the highest possible efficiency by eliminating switching losses present in traditional charge pumps or inductive boost circuits. With a typical dropout of 40mV at 20mA, the MIC2842A allows the LEDs to be driven directly from the battery eliminating switching noise and losses present with the use of boost circuitry.

Features
• High Efficiency (no Voltage Boost losses)
• Dynamic Average Matching™ (DAM™)
• Single wire digital control
• Input voltage range: 3.0V to 5.5V
• Dropout of 40mV at 20mA
• Matching better than ±1.5% (typical)
• Current accuracy better than ±1.5% (typical)
• Maintains proper regulation regardless of how many
   channels are utilized
• Available in a 10-pin 2mm x 2mm Thin MLF® package

Applications
• Mobile handsets
• Handset LCD backlighting
• Handset keypad backlighting
• Camera flash (see MIC2843A datasheet)
• Digital cameras
• Portable media/MP3 players
• Portable navigation devices (GPS)
• Portable application




Similar Part No. - MIC2842A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
More results


Similar Description - MIC2842A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2844A MICREL-MIC2844A Datasheet
884Kb / 14P
High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2860_D MICREL-MIC2860_D Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com