Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2846A Datasheet (PDF) - Micrel Semiconductor

MIC2846A Datasheet PDF - Micrel Semiconductor
Part # MIC2846A
Download  MIC2846A Download
File Size   1508.1 Kbytes
Page   19 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs

MIC2846A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2846A Datasheet PDF - Micrel Semiconductor

Part # MIC2846A
Download  MIC2846A Click to download

File Size   1508.1 Kbytes
Page   19 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs

MIC2846A Datasheet (HTML) - Micrel Semiconductor


MIC2846A Product details

General Description
The MIC2846A is a high efficiency White LED (WLED) driver featuring two low quiescent current LDOs. It is designed to drive up to six LEDs and greatly extend battery life for portable display backlighting and keypad backlighting in mobile devices. The MIC2846A architecture provides the highest possible efficiency by eliminating switching losses present in traditional charge pumps or inductive boost circuits. With a typical dropout of 40mV at 20mA, the MIC2846A allows the LEDs to be driven directly from the battery eliminating switching noise and losses present with the use of boost circuitry.

Features
WLED Driver
• High Efficiency (no Voltage Boost losses)
• Dynamic Average Matching™ (DAM™)
• Single wire digital control
• Input voltage range: 3.0V to 5.5V
• Dropout of 40mV at 20mA
• Matching better than ±1.5% (typical)
• Current accuracy better than ±1.5% (typical)
• Maintains proper regulation regardless of how many
   channels are utilized

LDOs
• Very low ground current – Typical 35µA
• Stable with 1µF ceramic output capacitor
• Dropout at 150mV at 150mA
• Thermal shutdown and current limit protection
• Available in a 2.5mm x 2.5mm 14-pin Thin MLF®
   package

Applications
• Mobile handsets
• LCD Handset backlighting
• Handset keypad backlighting
• Digital cameras
• Portable media/MP3 players
• Portable navigation devices (GPS)
• Portable applications




Similar Part No. - MIC2846A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2846-MFYMT MICREL-MIC2846-MFYMT Datasheet
1Mb / 21P
6 Channel High Side Current Source WLED driver
MIC2846-MGYMT MICREL-MIC2846-MGYMT Datasheet
1Mb / 21P
6 Channel High Side Current Source WLED driver
More results


Similar Description - MIC2846A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2844A MICREL-MIC2844A Datasheet
884Kb / 14P
High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com