Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10111 Datasheet (PDF) - Hamamatsu Corporation

S10111 Datasheet PDF - Hamamatsu Corporation
Part # S10111
Download  S10111 Download
File Size   188.93 Kbytes
Page   11 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Current-output type sensors with variable integration time function

S10111 Datasheet (PDF)

Go To PDF Page Download Datasheet
S10111 Datasheet PDF - Hamamatsu Corporation

Part # S10111
Download  S10111 Click to download

File Size   188.93 Kbytes
Page   11 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Current-output type sensors with variable integration time function

S10111 Datasheet (HTML) - Hamamatsu Corporation


S10111 Product details

Current-output type sensors with variable integration time function



The S10111 to S10114 series are self-scanning photodiode arrays designed speci¿cally as detectors for spectroscopy. The scanning circuit operates at low power consumption and is easy to handle. Each photodiode has a large active area with high UV sensitivity.



Features

Variable integration time for each pixel

Wide active area

  Pixel pitch: 50 —m, 25 —m

  Pixel height: 2.5 mm, 0.5 mm

High UV sensitivity

Large saturation output charge



Applications

Spectrophotometry




Similar Part No. - S10111

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
C&K Components
S1011SS03DQE CK-COMPONENTS-S1011SS03DQE Datasheet
309Kb / 5P
Slide Switches
More results


Similar Description - S10111

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
Time Delay Integration Camera
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA001 AVAGO-ALM-GA001 Datasheet
827Kb / 18P
Variable Current and Shutdown Function
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
High-precision driver circuit with variable integration time function
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Mean Well Enterprises C...
VFD-200C-230 MEANWELL-VFD-200C-230 Datasheet
429Kb / 9P
200W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-250P-230 MEANWELL-VFD-250P-230 Datasheet
509Kb / 8P
250W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-350C-230 MEANWELL-VFD-350C-230 Datasheet
432Kb / 9P
350W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-350P-230 MEANWELL-VFD-350P-230 Datasheet
1Mb / 8P
350W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-750C-230 MEANWELL-VFD-750C-230 Datasheet
456Kb / 9P
750W General type Variable Frequency Drive with PFC function
2023-08-04
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com