Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ20RX05 Datasheet (PDF) - Sharp Corporation

PQ20RX05 Datasheet PDF - Sharp Corporation
Part # PQ20RX05
Download  PQ20RX05 Download
File Size   67.5 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function

PQ20RX05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ20RX05 Datasheet PDF - Sharp Corporation

Part # PQ20RX05
Download  PQ20RX05 Click to download

File Size   67.5 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function

PQ20RX05 Datasheet (HTML) - Sharp Corporation


PQ20RX05 Product details

■ Features
● Low power-loss (Dropout voltage: MAX. 0.5V)
● Compact resin full mold package (Equivalent to TO-220)
● With built-in ON/OFF control function
● Variable output voltage (setting range: 3.0 to 20V)
● 0.5A output (PQ20RX05)
   1.0A output (PQ20RX11)
● Reference voltage precision: ±2.5%
● With built-in overcurrent protection, overheat protection, ASO protection circuit
   ASO: Area of Safety Operation

■ Applications
● Power supplies for various electronic equipment such as AV, OA equipment
● CRT displays




Similar Part No. - PQ20RX05

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
PQ CORES
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
PQ cores and accessories
PQ20-3C81 FERROXCUBE-PQ20-3C81 Datasheet
65Kb / 6P
PQ cores and accessories
PQ20-3C81-A160 FERROXCUBE-PQ20-3C81-A160 Datasheet
65Kb / 6P
PQ cores and accessories
PQ20-3C81-A250 FERROXCUBE-PQ20-3C81-A250 Datasheet
65Kb / 6P
PQ cores and accessories
More results


Similar Description - PQ20RX05

ManufacturerPart #DatasheetDescription
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
Sanken electric
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
Dropper Type Regulator with Output On/Off Control
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sharp Corporation
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com