Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ30RV31 Datasheet (PDF) - Sharp Corporation

PQ30RV31 Datasheet PDF - Sharp Corporation
Part # PQ30RV31
Download  PQ30RV31 Download
File Size   34.04 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output Low Power-Loss Voltage Regulator

PQ30RV31 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ30RV31 Datasheet PDF - Sharp Corporation

Part # PQ30RV31
Download  PQ30RV31 Click to download

File Size   34.04 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output Low Power-Loss Voltage Regulator

PQ30RV31 Datasheet (HTML) - Sharp Corporation


PQ30RV31 Product details

■ Features
● Maximum output current: 3A
● Compact resin full-mold package
● Low power-loss(Dropout voltage: MAX.0.5V)
● Variable output voltage(setting range: 1.5 to 30V)
● Built-in ON/OFF control function.
   
■ Applications
● Power supply for print concentration control of word
    processors
● Series power supply for motors and solenoid
● Series power supply for VCRs and TVs
   




Similar Part No. - PQ30RV31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
More results


Similar Description - PQ30RV31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
Variable Output Low Power-Loss Voltage Regulators
PQ30VB11 SHARP-PQ30VB11 Datasheet
35Kb / 4P
Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PQ7DV10 SHARP-PQ7DV10 Datasheet
38Kb / 4P
Variable Output, (1.5 to 7V) 10A Output Low Power-loss Voltage Regulator
PQ7RV4 SHARP-PQ7RV4 Datasheet
39Kb / 5P
Variable Output (1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
PQ05RD08 SHARP-PQ05RD08 Datasheet
100Kb / 8P
0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR
PQ7DV10 SHARP-PQ7DV10_01 Datasheet
56Kb / 5P
Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
PQ7RV4 SHARP-PQ7RV4_01 Datasheet
60Kb / 6P
Variable Output(1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com