Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ30VB11 Datasheet (PDF) - Sharp Corporation

PQ30VB11 Datasheet PDF - Sharp Corporation
Part # PQ30VB11
Download  PQ30VB11 Download
File Size   35.55 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)

PQ30VB11 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ30VB11 Datasheet PDF - Sharp Corporation

Part # PQ30VB11
Download  PQ30VB11 Click to download

File Size   35.55 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)

PQ30VB11 Datasheet (HTML) - Sharp Corporation


PQ30VB11 Product details

■ Features
● Compact resin full-mold package
● Low power-loss (Dropout voltage : MAX. 0.5V)
● Overheat shut-down function (keep shut-down output until power-on again)
● Variable output voltage (Setting range : 1.5 to 30V)
● Overcurrent protection type
● High-precision output type (Reference voltage precision : ±2.0%)

■ Applications
● Series power supply for TVs and VCRs
● Switching power supply




Similar Part No. - PQ30VB11

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ300 PICO-PQ300 Datasheet
10Mb / 39P
Smarter scopes for faster debug
PQ300 PICO-PQ300 Datasheet
10Mb / 42P
PicoScope® 6000E Series Smarter scopes for faster debug
logo
SynQor Worldwide Headqu...
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ30033EGA20NKA-G SYNQOR-PQ30033EGA20NKA-G Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ30033EGA20NKS-G SYNQOR-PQ30033EGA20NKS-G Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
More results


Similar Description - PQ30VB11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05SZ5 SHARP-PQ05SZ5 Datasheet
53Kb / 7P
Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
logo
Rohm
BDXXKA5WF ROHM-BDXXKA5WF Datasheet
329Kb / 6P
Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
logo
Sharp Corporation
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com