Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ30VB11 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ30VB11
Description  Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30VB11 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ30VB11 Datasheet HTML 1Page - Sharp Corporation PQ30VB11 Datasheet HTML 2Page - Sharp Corporation PQ30VB11 Datasheet HTML 3Page - Sharp Corporation PQ30VB11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PQ30VB11
Low Power-Loss Voltage Regulators
Parameter
Symbol
Conditions
VIN
VO
RegL
RegI
RR
Vref
TeVref
Vi-O
Iq
Tsd
Input voltage
Output voltage
Load regulation
Line regulation
Ripple rejection
Reference voltage
Temperature coefficient of reference voltage
Dropout voltage
Quiescent current
Overheat shut-down temperature
Unit
MAX.
TYP.
MIN.
4.5
1.5
-
-
45
1.225
-
-
-
110
-
-
IO=5mA to 1A
VIN=11 to 28V
Refer to Fig. 2
Tj=0 to 125˚C, IO=5mA
*4, IO=0.5A
IO=0
-
-
0.3
0.5
55
1.25
±1.0
-
-
130
35
30
1.0
2.5
-
1.275
-
0.5
7
150
s Electrical Characteristics
*4 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
(Unless otherwise specified, condition shall be VIN=15V, Vo=10V, Io=0.5A, R1=390
Ω, Ta=25˚C)
V
V
%
%
dB
V
%
V
mA
˚C
Fig.1 Test Circuit
Fig.2 Test Circuit of Ripple Rejection
~
V
~
q
3
q
2
q
1
q
4
A
V
V
A
VIN
Iq 390
Ω
IO
VO
RL
0.33
µF
47
µF
+
Vref
R2
R1
q
3
q
2
q
1
q
4
VIN
ei
eo
390
Ω
IO
RL
0.33
µF
47
µF
+
R2
R1
+
IO=0.5A
f=120Hz (sine wave)
ei=0.5Vrms
RR=20 log (ei/eo)
VO=Vref X 1+ ----------- =1.25X 1+ -----------
R2
R1
R2
R1
[R1=390
Ω,Vref =1.25V]
0.5
1.0
1.5
2.0
0
20
40
60
80
100
Output current IO (A)
Fig.4 Overcurrent Protection
Characteristics (Typical Value)
Fig.3 Power Dissipation vs. Ambient
Temperature
-20
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
50
100
150
PD2
PD1
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
Note) Oblique line portion:Overheat protection operates in this
area.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com