Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC29S00 Datasheet (PDF) - NEC

UPC29S00 Datasheet PDF - NEC
Part # UPC29S00
Download  UPC29S00 Download
File Size   74.84 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION

UPC29S00 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC29S00 Datasheet PDF - NEC

Part # UPC29S00
Download  UPC29S00 Click to download

File Size   74.84 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION

UPC29S00 Datasheet (HTML) - NEC


UPC29S00 Product details

LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION

The µPC29S00 series is a low dropout regulator which has 100 mA capable for the output current. This series features ON/OFF function to control output voltage.
The µPC29S00 series is suitable for NEC’s single chip microcontroller which have on-chip flash memory. The µPC29S00 series is use of erasing and writing data on its flash memory.


FEATURES
• ON/OFF control function (Active high)
• High accuracy output voltage : ±2% (7.8 V output)
                                                    –2% to +1% (10 V output)
• Output current excess of 100 mA
• On-chip all kinds of protection circuit
• Surface mount device package
   : 4-pin plastic SIP (TO-126 Gullwing) (7.8 V output)
     8-pin plastic SOP (225mil) (7.8 V output, 10 V output)




Similar Part No. - UPC29S00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC29S00 RENESAS-UPC29S00 Datasheet
295Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2003
More results


Similar Description - UPC29S00

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sanyo Semicon Device
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
Low-Dropout Voltage Regulator with Reset and On-Off Function
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com