Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5602 Datasheet (PDF) - Sanyo Semicon Device

LA5602 Datasheet PDF - Sanyo Semicon Device
Part # LA5602
Download  LA5602 Download
File Size   91.66 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Dropout Voltage Regulator with Reset and On-Off Function

LA5602 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5602 Datasheet PDF - Sanyo Semicon Device

Part # LA5602
Download  LA5602 Click to download

File Size   91.66 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Dropout Voltage Regulator with Reset and On-Off Function

LA5602 Datasheet (HTML) - Sanyo Semicon Device


LA5602 Product details

Overview
The LA5602 incorporates both a 5.0V voltage regulator function and reset generator function into a single-chip for micro controller power supply application. The LA5602 supports improvements in efficiency and set compactness by permitting operation at low input-output voltage differences.

Functions
• Low dropout regulator with 350mA and 5.0V output
• Power supply reset generator function
• Supports on-off control of 5V using equipped enable pin (high active)

Features
• Low minimal input-output voltage difference (0.5V typ.)
• Supports setting of reset output delay time using
   external capacitor
• Built-in fold back current limiting circuit and excessive
   heat protection circuit
• Reset output using active pull-up for simpler noise
   reduction




Similar Part No. - LA5602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
Low Dropout Regulator with Reset
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
Multi-function, Multiple Voltage Power Supply
LA5603 SANYO-LA5603 Datasheet
86Kb / 4P
Multifunction, Multiple Voltage Power Supply
LA5603 SANYO-LA5603_V01 Datasheet
86Kb / 4P
Multifunction, Multiple Voltage Power Supply
LA5604N SANYO-LA5604N Datasheet
50Kb / 2P
Voltage Regulator for LCD
More results


Similar Description - LA5602

ManufacturerPart #DatasheetDescription
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sanyo Semicon Device
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
LA5607 SANYO-LA5607 Datasheet
133Kb / 6P
BS/CS Tuner Regulator with Reset,On/Off Function
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268 Datasheet
255Kb / 7P
180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
logo
New Japan Radio
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com