Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5601 Datasheet (PDF) - Sanyo Semicon Device

LA5601 Datasheet PDF - Sanyo Semicon Device
Part # LA5601
Download  LA5601 Download
File Size   196.59 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low Dropout Regulator with Reset

LA5601 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5601 Datasheet PDF - Sanyo Semicon Device

Part # LA5601
Download  LA5601 Click to download

File Size   196.59 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low Dropout Regulator with Reset

LA5601 Datasheet (HTML) - Sanyo Semicon Device


LA5601 Product details

Overview
The LA5601 is a voltage regulator with a low-voltage detector and reset controller for use in microprocessor-based systems. It generates a reset signal for low power supply voltage. It also features a low 0.25V (typ.) saturation voltage for reduced power dissipation and power supply size. Applications include microprocessor-controlled consumer electronic equipment such as CD players, tuners and receivers, and preamplifiers.

Features
• Low minimum input-output voltage difference (0.3V typ).
• Supports setting of reset output delay time using external capacitor.
• Built-in fold-back current limiting circuit and excessive heat protection circuit.
• Reset output using active pull-up for simpler noise reduction and use with internal pull-down logic circuits.
• Error amplifier noise filter pin.
• Auxiliary regulator with reverse current protection.

Functions
• Low saturation regulator with 250mA and 5.2V output.
• Power supply reset generator function.
• Supports on-off control of 5.2V using equipped enable pin (high active).
• Built-in Darlington driver (120mA).
• Built-in auxiliary regulator (5.2V, 250mA).




Similar Part No. - LA5601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
Low-Dropout Voltage Regulator with Reset and On-Off Function
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
Multi-function, Multiple Voltage Power Supply
LA5603 SANYO-LA5603 Datasheet
86Kb / 4P
Multifunction, Multiple Voltage Power Supply
LA5603 SANYO-LA5603_V01 Datasheet
86Kb / 4P
Multifunction, Multiple Voltage Power Supply
LA5604N SANYO-LA5604N Datasheet
50Kb / 2P
Voltage Regulator for LCD
More results


Similar Description - LA5601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
logo
New Japan Radio
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
Low Dropout Voltage Regulator with Reset
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
Low Dropout Voltage Regulator with Reset
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
Low Dropout Voltage Regulator with Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
New Japan Radio
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com