Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC152 Datasheet (PDF) - Sanyo Semicon Device

FC152 Datasheet PDF - Sanyo Semicon Device
Part # FC152
Download  FC152 Download
File Size   130.16 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amp, Differential Amp Applications

FC152 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC152 Datasheet PDF - Sanyo Semicon Device

Part # FC152
Download  FC152 Click to download

File Size   130.16 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amp, Differential Amp Applications

FC152 Datasheet (HTML) - Sanyo Semicon Device


FC152 Product details

High-Frequency Amp, Differential Amp Applications

Features
• Composite type with 2 transistors contained in the CP package currently in use, improving the mounting efficiency greatly.
• The FC152 is formed with two chips, being equivalent to the 2SC4270, placed in one package.
• Excellent in thermal equilibrium, pair capability and especially suited for differerntial amp.




Similar Part No. - FC152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC150 SANYO-FC150 Datasheet
145Kb / 4P
Low-Frequency General-Purpose Amp, Driver Applications
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC150A9 ETC-FC150A9 Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC150S6R5 ETC1-FC150S6R5 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
FC150S6R59 ETC1-FC150S6R59 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Similar Description - FC152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC119 SANYO-FC119 Datasheet
139Kb / 5P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC156 SANYO-FC156 Datasheet
133Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications?
FC157 SANYO-FC157 Datasheet
147Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications???
FC18 SANYO-FC18 Datasheet
146Kb / 5P
High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
FH102 SANYO-FH102 Datasheet
66Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
High-Frequency Amp, Differential Amp Applications
2SC3066 SANYO-2SC3066 Datasheet
94Kb / 2P
DIFFERENTIAL AMP APPLICATIONS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com