Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFG35010R1 Datasheet (PDF) - Freescale Semiconductor, Inc

MRFG35010R1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRFG35010R1
Download  MRFG35010R1 Download
File Size   373.7 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Gallium Arsenide PHEMT RF Power Field Effect Transistor

MRFG35010R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFG35010R1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRFG35010R1
Download  MRFG35010R1 Click to download

File Size   373.7 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Gallium Arsenide PHEMT RF Power Field Effect Transistor

MRFG35010R1 Datasheet (HTML) - Freescale Semiconductor, Inc


MRFG35010R1 Product details

3.5 GHz, 10 W, 12 V POWER FET GaAs PHEMT

Designed for WLL/MMDS or UMTS driver applications with frequencies from 1800 to 3600 MHz. Device is unmatched and is suitable for use in Class AB or Class A linear base station applications.

• Typical W-CDMA Performance: -42 dBc ACPR, 3.55 GHz, 12 Volts, IDQ = 180 mA, 5 MHz Offset/3.84 MHz BW, 64 DPCH (8.5 dB P/A @ 0.01% Probability)
     Output Power — 1 Watt
     Power Gain — 10 dB
     Efficiency — 30%
• 10 Watts P1dB @ 3550 MHz
• Excellent Phase Linearity and Group Delay Characteristics
• High Gain, High Efficiency and High Linearity
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.




Similar Part No. - MRFG35010R1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35010 FREESCALE-MRFG35010 Datasheet
532Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010A NXP-MRFG35010A Datasheet
490Kb / 18P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
MRFG35010AN NXP-MRFG35010AN Datasheet
1Mb / 25P
Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Freescale Semiconductor...
MRFG35010ANT1 FREESCALE-MRFG35010ANT1 Datasheet
260Kb / 12P
Gallium Arsenide PHEMT
logo
NXP Semiconductors
MRFG35010ANT1 NXP-MRFG35010ANT1 Datasheet
1Mb / 25P
Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
More results


Similar Description - MRFG35010R1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35002N6T1 FREESCALE-MRFG35002N6T1_08 Datasheet
193Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35002N6AT1 FREESCALE-MRFG35002N6AT1 Datasheet
187Kb / 11P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003N6AT1 FREESCALE-MRFG35003N6AT1 Datasheet
221Kb / 11P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003M6T1 FREESCALE-MRFG35003M6T1_06 Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003ANT1 FREESCALE-MRFG35003ANT1 Datasheet
473Kb / 18P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005ANT1 FREESCALE-MRFG35005ANT1 Datasheet
452Kb / 13P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010MT1 FREESCALE-MRFG35010MT1 Datasheet
516Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010AN NXP-MRFG35010AN Datasheet
1Mb / 25P
Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
MRFG35010A NXP-MRFG35010A Datasheet
490Kb / 18P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com