Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7022 Datasheet (PDF) - Analog Devices

ADF7022 Datasheet PDF - Analog Devices
Part # ADF7022
Download  ADF7022 Download
File Size   75.36 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description io-homecontrol-Compliant RF Transceiver

ADF7022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7022 Datasheet PDF - Analog Devices

Part # ADF7022
Download  ADF7022 Click to download

File Size   75.36 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description io-homecontrol-Compliant RF Transceiver

ADF7022 Datasheet (HTML) - Analog Devices


ADF7022 Product details

FEATURES

  Very low power, high performance, low IF transceiver

  Fully integrated io-homecontrol compliant protocol covering

     Layer 1, Layer 2, and time critical elements of Layer 3

     Media access

     Master, slave, and beacon modes supported

     Automatic io-homecontrol channel scan

     Automatic CRC, preamble, start byte insertion/check

     UART data encoding as per io-homecontrol

     Smart preamble detect/packet sniffing

     Automatic address filtering

     Low power modes

  Autonomous packet handling without intervention of host

     microprocessor thus significantly increasing battery life

  1-way and 2-way communication supported

  Automatic wake-up timer

  32-bit hardware timer, 16-bit firmware timer (48 bits total)

  Uses either

     External 32 kHz crystal

     Internal 32 kHz RC oscillator

  Patented fast settling automatic frequency control (AFC)

  Fully integrated image rejection calibration (patent pending)

  Digital RSSI

  Operating frequencies

     Channel 1: 868.25 MHz

     Channel 2: 868.95 MHz

     Channel 3: 869.85 MHz

  Very low power consumption

     12.8 mA in receive mode with AGC active

     11.9 mA in receive mode with manual AGC, ADC off

     24.1 mA in transmit mode (10 dBm output)

     0.75 μA in RCO wake mode

     1.25 μA in XTO wake mode (32 kHz oscillator active)

     38.4 μA average current in low power mode

  Receiver sensitivity (10−3 BER)

     −108.5 dBm at 38.4 kbps FSK, 20 kHz deviation

  Output power programmable up to 13.5 dBm

  Automatic PA ramping

  Dual PAs offer Tx antenna diversity

  Very few external components

     Integrated PLL loop filter

     Integrated Rx/Tx switch

     Integrated battery monitor

     On-chip 8-bit ADC and temperature sensor

  Efficient and flexible SPI control interface

     4 lines available for low cost microcontroller interface

     Flexible Tx and Rx data buffers

     Efficient burst mode register access

  1.8 V to 3.6 V power supply

  5 mm × 5 mm, 32-lead LFCSP package

 

APPLICATIONS

  Home automation

  Process and building control



 




Similar Part No. - ADF7022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7022 AD-ADF7022 Datasheet
90Kb / 2P
io-homecontrol-Compliant RF Transceiver
Rev. SpA
ADF7022BCPZ AD-ADF7022BCPZ Datasheet
90Kb / 2P
io-homecontrol-Compliant RF Transceiver
Rev. SpA
More results


Similar Description - ADF7022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7022BCPZ AD-ADF7022BCPZ Datasheet
90Kb / 2P
io-homecontrol-Compliant RF Transceiver
Rev. SpA
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX22513 MAXIM-MAX22513 Datasheet
698Kb / 11P
IO-Link-Compliant Device Transceiver
Rev 0; 2/19
MAX14829EVKIT MAXIM-MAX14829EVKIT Datasheet
620Kb / 8P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827EVKIT MAXIM-MAX14827EVKIT Datasheet
1Mb / 15P
IO-Link-Compliant Device Transceiver
Rev 1; 7/16
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 1; 3/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com