Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7022 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7022
Description  io-homecontrol-Compliant RF Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7022 Datasheet(HTML) 1 Page - Analog Devices

  ADF7022 Datasheet HTML 1Page - Analog Devices ADF7022 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
io-homecontrol-Compliant RF Transceiver
ADF7022
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Very low power, high performance, low IF transceiver
Fully integrated io-homecontrol®-compliant protocol covering
Layer 1, Layer 2, and time critical elements of Layer 3
Media access
Master, slave, and beacon modes supported
Automatic io-homecontrol channel scan
Automatic CRC, preamble, start byte insertion/check
UART data encoding as per io-homecontrol
Smart preamble detect/packet sniffing
Automatic address filtering
Low power modes
Autonomous packet handling without intervention of host
microprocessor thus significantly increasing battery life
1-way and 2-way communication supported
Automatic wake-up timer
32-bit hardware timer, 16-bit firmware timer (48 bits total)
Uses either
External 32 kHz crystal
Internal 32 kHz RC oscillator
Patented fast settling automatic frequency control (AFC)
Fully integrated image rejection calibration (patent pending)
Digital RSSI
Operating frequencies
Channel 1: 868.25 MHz
Channel 2: 868.95 MHz
Channel 3: 869.85 MHz
Very low power consumption
13 mA in receive mode
24.1 mA in transmit mode (10 dBm output)
0.65 μA in RCO wake mode
1.25 μA in XTO wake mode (32 kHz oscillator active)
65 μA average current in low power mode (with 2 ms scan
time every 0.5 seconds)
Receiver sensitivity (10−3 BER)
−107.5 dBm at 38.4 kbps FSK, 20 kHz deviation
Output power programmable up to 13.5 dBm
Automatic PA ramping
Dual PAs offer Tx antenna diversity
Very few external components
Integrated PLL loop filter
Integrated Rx/Tx switch
Integrated battery monitor
On-chip 8-bit ADC and temperature sensor
Efficient and flexible SPI control interface
4 lines available for low cost microcontroller interface
Flexible Tx and Rx data buffers
Efficient burst mode register access
1.8 V to 3.6 V power supply
5 mm × 5 mm, 32-lead LFCSP package
APPLICATIONS
Home automation
Process and building control
FUNCTIONAL BLOCK DIAGRAM
RSSI/
LOGAMP
LNA
ADCIN_ATB3
SCLK
MOSI
1GPIO REFERS TO PIN GP0 TO PIN GP5.
MISO
CSN
IRQ_GP3
RFIO_1P
RFIO_1N
RFO2
SPI
IRQ
CTRL
FSK
ASK
DEMOD
CDR
AFC
AGC
4kB ROM
IO-H/C
MAC
256-BYTE
PACKET
RAM
2kB RAM
8-BIT RISC
PROCESSOR
BIAS
26MHz
OSC
WAKE UP CONTROL
TIMER UNIT
64-BYTE
BBRAM
TEMP
SENSOR
BATTERY
MONITOR
CLOCK
DIVIDER
GPIO
TEST
DAC
ANALOG
TEST
PA RAMP
PROFILE
PA
8-BIT
ADC
LOOP
FILTER
CHARGE
PUMP
PFD
DIVIDER
Σ-Δ
MODULATOR
GAUSSIAN
FILTER
fDEV
32kHz
RCOSC
32kHz
OSC
PA
ADF7022
256-BYTE
MCR RAM
GPIO1
DIVIDER
XOSC26N
XOSC26P
XOSC32KP_GP5_ATB1
XOSC32KN_ATB2
RBIAS
CREGRFx CREGVCO CREGSYNTH
CREGDIGx
Figure 1.
For more information on the ADF7022, contact a local sales office at Analog Devices, Inc.


Similar Part No. - ADF7022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7022 AD-ADF7022 Datasheet
90Kb / 2P
io-homecontrol-Compliant RF Transceiver
Rev. SpA
ADF7022BCPZ AD-ADF7022BCPZ Datasheet
90Kb / 2P
io-homecontrol-Compliant RF Transceiver
Rev. SpA
More results

Similar Description - ADF7022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7022BCPZ AD-ADF7022BCPZ Datasheet
90Kb / 2P
io-homecontrol-Compliant RF Transceiver
Rev. SpA
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX22513 MAXIM-MAX22513 Datasheet
698Kb / 11P
IO-Link-Compliant Device Transceiver
Rev 0; 2/19
MAX14829EVKIT MAXIM-MAX14829EVKIT Datasheet
620Kb / 8P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827EVKIT MAXIM-MAX14827EVKIT Datasheet
1Mb / 15P
IO-Link-Compliant Device Transceiver
Rev 1; 7/16
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 1; 3/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com