Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1163 Datasheet (PDF) - Infineon Technologies AG

TC1163 Datasheet PDF - Infineon Technologies AG
Part # TC1163
Download  TC1163 Download
File Size   951.0 Kbytes
Page   134 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller TriCore

TC1163 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1163 Datasheet PDF - Infineon Technologies AG

Part # TC1163
Download  TC1163 Click to download

File Size   951.0 Kbytes
Page   134 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller TriCore

TC1163 Datasheet (HTML) - Infineon Technologies AG


TC1163 Product details

Summary of Features
The TC1163/TC1164 has the following features:
• High-performance 32-bit super-scaler TriCore v1.3 CPU with 4-stage pipeline
   – Superior real-time performance
   – Strong bit handling
   – Fully integrated DSP capabilities
   – Single precision Floating Point Unit (FPU)
   – 80 MHz operation at full temperature range
• Peripheral Control Processor with single cycle instruction (PCP2)
   – 8 Kbyte Parameter Memory (PRAM)
   – 12 Kbyte Code Memory (CMEM)
• Multiple on-chip memories
   – 40 Kbyte Local Data Memory (SRAM)
   – 8 Kbyte Overlay Memory
   – 8 Kbyte Scratch-Pad RAM (SPRAM)
   – 8 Kbyte Instruction Cache (ICACHE)
   – 1024 Kbyte Program Flash (for instruction code and constant data)
   – 16 Kbyte Data Flash (e.g. 2 Kbyte EEPROM emulation)
   – 16 Kbyte Boot ROM
• 8-channel DMA Controller
• Fast-response interrupt system with 2 x 255 hardware priority arbitration levels serviced by CPU or PCP2
• High-performance on-chip bus structure
   – 64-bit Local Memory Bus (LMB) to Flash memory
   – System Peripheral Bus (SPB) for interconnections of functional units
• Versatile on-chip Peripheral Units
   – Two Asynchronous/Synchronous Serial Channels (ASCs) with baudrate generator, parity, framing and overrun error detection
   – Two High Speed Synchronous Serial Channels (SSCs) with programmable data length and shift direction
   – One Micro Second Bus (MSC) interface for serial port expansion to external power devices
   – One high-speed Micro Link Interface (MLI) for serial inter-processor communication
   – One MultiCAN Module with two CAN nodes and 64 free assignable message objects for high efficiency data handling via FIFO buffering and gateway data transfer1)
   – One General Purpose Timer Array Module (GPTA) with a powerful set of digital signal filtering and timer functionality to realize autonomous and complex Input/Output management
   – One 16-channel Analog-to-Digital Converter unit (ADC) with selectable 8-bit, 10- bit, or 12-bit, supporting 32 input channels
   – One 2-channel Fast Analog-to-Digital Converter unit (FADC) with concatenated comb filters for hardware data reduction: supporting 10-bit resolution, with minimum conversion time of 262.5ns
• 32 analog input lines for ADC and FADC
• 81 digital general purpose I/O lines
• Digital I/O ports with 3.3 V capability
• On-chip debug support for OCDS Level 1 and 2 (CPU, PCP, DMA)
• Power Management System
• Clock Generation Unit with PLL
• Core supply voltage of 1.5 V
• I/O voltage of 3.3 V
• Full Industrial and Multi-Market temperature range: -40° to +85°C
• PG-LQFP-176-2 package




Similar Part No. - TC1163

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1166 INFINEON-TC1166 Datasheet
1Mb / 133P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1167 INFINEON-TC1167 Datasheet
796Kb / 127P
32-Bit Single-Chip Microcontroller
V1.3 2009-10
logo
France Joint
TC116X132X12 FRANCEJOINT-TC116X132X12 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results


Similar Description - TC1163

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1796 INFINEON-TC1796 Datasheet
3Mb / 134P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
32-bit Single-chip Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com