Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1796 Datasheet (PDF) - Infineon Technologies AG

TC1796 Datasheet PDF - Infineon Technologies AG
Part # TC1796
Download  TC1796 Download
File Size   4090.44 Kbytes
Page   134 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller TriCore

TC1796 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1796 Datasheet PDF - Infineon Technologies AG

Part # TC1796
Download  TC1796 Click to download

File Size   4090.44 Kbytes
Page   134 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller TriCore

TC1796 Datasheet (HTML) - Infineon Technologies AG


TC1796 Product details

Summary of Features
• High-performance 32-bit super-scalar TriCore V1.3 CPU with 4-stage pipeline
    – Superior real-time performance
    – Strong bit handling
    – Fully integrated DSP capabilities
    – Single precision Floating Point Unit (FPU)
    – 150 MHz operation at full temperature range
• 32-bit Peripheral Control Processor with single cycle instruction (PCP2)
    – 16 Kbyte Parameter Memory (PRAM)
    – 32 Kbyte Code Memory (CMEM)
• Multiple on-chip memories
    – 2 Mbyte Program Flash Memory (PFLASH) with ECC
    – 128 Kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
    – 136 Kbyte Data Memory (LDRAM, SRAM, SBRAM)
    – 8 Kbyte Dual-Ported Memory (DPRAM)
    – 48 Kbyte Code Scratchpad Memory (SPRAM)
    – 16 Kbyte Instruction Cache (ICACHE)
    – 16 Kbyte BootROM (BROM)
• 16-Channel DMA Controller
• 32-bit External Bus Interface Unit (EBU) with
    – 75 dedicated address/data bus, clock, and control lines
    – Synchronous burst Flash access capability
• Sophisticated interrupt system with 2 × 255 hardware priority arbitration levels serviced by CPU or PCP2
• High performing on-chip bus structure
    – Two 64-bit Local Memory Buses between EBU, Flash and Data Memory
    – 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
    – 32-bit Remote Peripheral Bus (RPB) for high-speed on-chip peripheral units
    – Two bus bridges (LFI Bridge, DMA Controller)
• Peripheral Control Processor with single cycle instruction (PCP2)
    – 16 Kbyte Parameter Memory (PRAM)
    – 32 Kbyte Code Memory (CMEM)
• Versatile On-chip Peripheral Units
    – Two Asynchronous/Synchronous Serial Channels (ASC) with baud rate generator, parity, framing and overrun error detection
    – Two High-Speed Synchronous Serial Channels (SSC) with programmable data length and shift direction
    – Two serial Micro Second Bus interfaces (MSC) for serial port expansion to external power devices
    – Two High-Speed Micro Link interfaces (MLI) for serial inter-processor communication
    – One MultiCAN Module with four CAN nodes and 128 free assignable message objects for high efficiency data handling via FIFO buffering and gateway data transfer (one CAN node supports TTCAN functionality)
    – Two General Purpose Timer Array Modules (GPTA) with additional Local Timer Cell Array (LTCA2) providing a powerful set of digital signal filtering and timer functionality to realize autonomous and complex Input/Output management
    – Two 16-channel Analog-to-Digital Converter units (ADC) with selectable 8-bit, 10-bit, or 12-bit resolution
    – One 4-channel Fast Analog-to-Digital Converter unit (FADC) with concatenated comb filters for hardware data reduction: supporting 10-bit resolution, min. conversion time of 280ns
• 44 analog input lines for ADC and FADC
• 123 digital general purpose I/O lines, 4 input lines
• Digital I/O ports with 3.3 V capability
• On-chip debug support for OCDS Level 1 and 2 (CPU, PCP3, DMA)
• Dedicated Emulation Device chip for multi-core debugging, tracing, and calibration via USB V1.1 interface available (TC1796ED)
• Power Management System
• Clock Generation Unit with PLL
• Core supply voltage of 1.5 V
• I/O voltage of 3.3 V
• Full automotive temperature range: -40° to +125°C
• P/PG-BGA-416-4 package




Similar Part No. - TC1796

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1791 INFINEON-TC1791 Datasheet
3Mb / 153P
32-Bit Single-Chip Microcontroller
V 1.1 2014-05
TC1793 INFINEON-TC1793 Datasheet
4Mb / 189P
32-Bit Single-Chip Microcontroller
V 1.2 2014-05
TC1797 INFINEON-TC1797 Datasheet
5Mb / 190P
32-Bit Single-Chip Microcontroller
V1.1 2009-04
TC1797 INFINEON-TC1797 Datasheet
2Mb / 192P
32-Bit Single-Chip Microcontroller
V1.3 2014-08
TC1797 INFINEON-TC1797_14 Datasheet
2Mb / 192P
32-Bit Single-Chip Microcontroller
V1.3 2014-08
More results


Similar Description - TC1796

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
32-bit Single-chip Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com