Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42794 Datasheet (PDF) - Infineon Technologies AG

TLE42794 Datasheet PDF - Infineon Technologies AG
Part # TLE42794
Download  TLE42794 Download
File Size   548.22 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Fixed Voltage Regulator

TLE42794 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE42794 Datasheet PDF - Infineon Technologies AG

Part # TLE42794
Download  TLE42794 Click to download

File Size   548.22 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Fixed Voltage Regulator

TLE42794 Datasheet (HTML) - Infineon Technologies AG


TLE42794 Product details

Description

The TLE42794G is a monolithic integrated low dropout voltage regulator, especially designed for automotive applications. An input voltage up to 45 V is regulated to an output voltage of 5.0 V. The

component is able to drive loads up to 150 mA.



Features

• Output Voltage 5 V ± 2%

• Ouput Current up to 150 mA

• Very low Current Consumption

• Early Warning

• Power-on and Undervoltage Reset with Programmable Delay Time

• Reset Low Down to VQ= 1 V

• Adjustable Reset Threshold

• Very Low Dropout Voltage

• Output Current Limitation

• Reverse Polarity Protection

• Overtemperature Protection

• Suitable for Use in Automotive Electronics

• Wide Temperature Range from -40 °C up to 150 °C

• Input Voltage Range from -42 V to 45 V

• Green Product (RoHS compliant)

• AEC Qualified




Similar Part No. - TLE42794

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42794E INFINEON-TLE42794E Datasheet
1Mb / 32P
Very low Current Consumption
TLE42794G INFINEON-TLE42794G Datasheet
1Mb / 32P
Very low Current Consumption
TLE42794GM INFINEON-TLE42794GM Datasheet
1Mb / 32P
Very low Current Consumption
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
Very low Current Consumption
More results


Similar Description - TLE42794

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42754 INFINEON-TLE42754 Datasheet
406Kb / 24P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, May 2008
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
Low Dropout Fixed Voltage Regulator
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com