Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC972LP5E Datasheet (PDF) - Hittite Microwave Corporation

HMC972LP5E Datasheet PDF - Hittite Microwave Corporation
Part # HMC972LP5E
Download  HMC972LP5E Download
File Size   1398.63 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz

HMC972LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC972LP5E Datasheet PDF - Hittite Microwave Corporation

Part # HMC972LP5E
Download  HMC972LP5E Click to download

File Size   1398.63 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz

HMC972LP5E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC972LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC970 HITTITE-HMC970 Datasheet
447Kb / 6P
2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
logo
Analog Devices
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
logo
Hittite Microwave Corpo...
HMC973LP3 HITTITE-HMC973LP3 Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
HMC973LP3E HITTITE-HMC973LP3E Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
More results


Similar Description - HMC972LP5E

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
2.0-6.0 GHz GaAs MMIC Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
2.0-6.0 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC973LP3 HITTITE-HMC973LP3 Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com